Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV7256 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV7256
Description  DUAL COMPARATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7256 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV7256 Datasheet HTML 3Page - Texas Instruments TLV7256 Datasheet HTML 4Page - Texas Instruments TLV7256 Datasheet HTML 5Page - Texas Instruments TLV7256 Datasheet HTML 6Page - Texas Instruments TLV7256 Datasheet HTML 7Page - Texas Instruments TLV7256 Datasheet HTML 8Page - Texas Instruments TLV7256 Datasheet HTML 9Page - Texas Instruments TLV7256 Datasheet HTML 10Page - Texas Instruments TLV7256 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
1
10
100
1000
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06
f – Frequency – Hz
1
10
100
1k
10k
100k
1M
1
10
100
1000
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06
f – Frequency – Hz
1
10
100
1k
10k
100k
1M
1
10
100
1000
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06
f – Frequency – Hz
1
10
100
1k
10k
100k
1M
0
5
10
15
20
25
30
35
40
45
-1.5
-1
-0.5
0
0.5
1
1.5
VCM – Common-Mode Voltage – V
0
5
10
15
20
25
30
35
40
45
-1
-0.8 -0.6 -0.4 -0.2
0
0.2
0.4
0.6
0.8
1
VCM – Common-Mode Voltage – V
0
5
10
15
20
25
30
35
40
45
-3
-2
-1
0
1
2
3
VCM – Common-Mode Voltage – V
500 ns/div
OD = 100 mV
OD = 10 mV
Input
500 ns/div
OD = 100 mV
OD = 10 mV
Input
500 ns /div
OD = 100 mV
OD = 10 mV
Input
TLV7256
DUAL COMPARATOR
SLCS147A – OCTOBER 2006 – REVISED JANUARY 2007
SUPPLY CURRENT
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
VCC = 5 V
VCC = 2.7 V
VCC = 1.8 V
SUPPLY CURRENT
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE
VCC = ±2.5 V
VCC = ±1.35 V
VCC = ±0.9 V
PROPAGATION DELAY TIME,
PROPAGATION DELAY TIME,
PROPAGATION DELAY TIME,
HIGH TO LOW
HIGH TO LOW
HIGH TO LOW
VCC = 5 V
VCC = 2.7 V
VCC = 1.8 V
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com