Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP411
Description  TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP411 Datasheet HTML 17Page - Texas Instruments TMP411 Datasheet HTML 18Page - Texas Instruments TMP411 Datasheet HTML 19Page - Texas Instruments TMP411 Datasheet HTML 20Page - Texas Instruments TMP411 Datasheet HTML 21Page - Texas Instruments TMP411 Datasheet HTML 22Page - Texas Instruments TMP411 Datasheet HTML 23Page - Texas Instruments TMP411 Datasheet HTML 24Page - Texas Instruments TMP411 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
21
TMP411
www.ti.com
SBOS383D – DECEMBER 2006 – REVISED DECEMBER 2016
Product Folder Links: TMP411
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Programming (continued)
9.5.10 SMBus Alert Function
The TMP411 device supports the SMBus alert function. When pin 6 is configured as an alert output, the ALERT
pin of the TMP411 can connect as an SMBus alert signal. When a master detects an alert condition on the
ALERT line, the master sends an SMBus alert command (00011001) on the bus. If the ALERT pin of the
TMP411 is active, the device acknowledges the SMBus alert command and returns the slave address on the
SDA line. The eighth bit of the slave address byte indicates if the high limit or low limit temperature settings
caused the alert condition. The bit is high if the temperature is greater than or equal to one of the temperature
high limit settings; the bit is low if the temperature is less than one of the temperature low limit settings. See
Figure 16 for details of this sequence.
If multiple devices on the bus respond to the SMBus alert command, arbitration during the slave address portion
of the SMBus alert command determines which device clears the alert status. If the TMP411 wins the arbitration,
the ALERT pin inactivates when the SMBus alert command is complete. If the TMP411 device loses the
arbitration, the ALERT pin remains active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com