Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP411
Description  TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP411 Datasheet HTML 9Page - Texas Instruments TMP411 Datasheet HTML 10Page - Texas Instruments TMP411 Datasheet HTML 11Page - Texas Instruments TMP411 Datasheet HTML 12Page - Texas Instruments TMP411 Datasheet HTML 13Page - Texas Instruments TMP411 Datasheet HTML 14Page - Texas Instruments TMP411 Datasheet HTML 15Page - Texas Instruments TMP411 Datasheet HTML 16Page - Texas Instruments TMP411 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13
TMP411
www.ti.com
SBOS383D – DECEMBER 2006 – REVISED DECEMBER 2016
Product Folder Links: TMP411
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
Table 1. Temperature Data Format (Local and Temperature High Bytes)
TEMP (°C)
LOCAL AND REMOTE TEMPERATURE REGISTER HIGH BYTE VALUE (1°C RESOLUTION)
STANDARD BINARY
EXTENDED BINARY
BINARY
HEX
BINARY
HEX
–64
0000 0000
00
0000 0000
00
–50
0000 0000
E
0000 1110
0E
–25
0000 0000
00
0010 0111
27
0
0000 0000
00
0100 0000
40
1
0000 0001
01
0100 0001
41
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8b
100
0110 0100
64
1010 0100
A4
125
0111 1101
7D
1011 1101
BD
127
0111 1101
7F
1011 1111
BF
150
0111 1111
7F
1101 0110
D6
175
0111 1111
7F
1110 1111
EF
191
0111 1111
7F
1111 1111
FF
9.3.4 THERM (Pin 4) and ALERTor THERM2 (Pin 6)
The THERM and ALERT or THERM2 pins on the TMP411 device are dedicated to alarm functions. The pins are
open-drain outputs that each require a pullup resistor to V+. These pins can be wire-ORed together with other
alarm pins for system monitoring of multiple sensors. The THERM pin provides a thermal interrupt that cannot be
software disabled. The ALERT pin is an earlier warning interrupt, and can be software disabled or masked. The
ALERT or THERM2 pin can be configured as aTHERM2 pin, which is a second THERM pin (Configuration
Register: AL or TH bit = 1). The default setting configures pin 6 to function as an ALERT pin (AL or TH = 0).
The THERM pin asserts low when the measured local or remote temperature is outside of the temperature range
programmed in the corresponding Local and Remote THERM Limit Register. The THERM temperature limit
range can be programmed with a wider range than that of the limit registers, which allows the ALERTpin to
provide an earlier warning than the THERM pin. The THERM alarm resets automatically when the measured
temperature falls within the THERM temperature limit range minus the hysteresis value stored in the THERM
Hysteresis Register. The permitted hysteresis values are listed in Table 10. The default hysteresis is 10°C. When
the ALERT or THERM2 pin is configured as a second thermal alarm (Configuration Register: bit 7 = 0, bit 5 = 1),
the pin functions the same as the THERM pin, but uses the temperatures stored in the Local and Remote
Temperature High and Low Limit Registers to set the comparison range.
When ALERT or THERM2 (pin 6) is configured as an ALERT pin, (Configuration Register: bit 7 = 0, bit 5 = 0),
the pin asserts low when the measured local or remote temperature violates the range limit set by the
corresponding Local and Remote Temperature High and Low Limit Registers. The alert function configures to
assert only if the range is violated a specified number of consecutive times (either one, two, three or four times).
The consecutive violation limit is set in the Consecutive Alert Register. Required consecutive faults prevent false
alerts that are caused by environmental noise. The ALERT pin asserts low if the remote temperature sensor is
open-circuit. When the MASK function is enabled (Configuration Register: bit 7 = 1), the ALERT pin is disabled
(that is, masked). TheALERT pin resets when the master reads the device address, as long as the condition that
caused the alert no longer persists, and the Status Register is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com