Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP411
Description  TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP411 Datasheet HTML 8Page - Texas Instruments TMP411 Datasheet HTML 9Page - Texas Instruments TMP411 Datasheet HTML 10Page - Texas Instruments TMP411 Datasheet HTML 11Page - Texas Instruments TMP411 Datasheet HTML 12Page - Texas Instruments TMP411 Datasheet HTML 13Page - Texas Instruments TMP411 Datasheet HTML 14Page - Texas Instruments TMP411 Datasheet HTML 15Page - Texas Instruments TMP411 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
12
TMP411
SBOS383D – DECEMBER 2006 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TMP411
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Series Resistance Cancellation
Figure 11 shows series resistance in an application circuit that results from printed circuit board (PCB) trace
resistance and remote line length. The TMP411 automatically cancels the resistance, which prevents a
temperature offset.
The TMP411 device cancels up to 3 kΩ of series line resistance that eliminates the need for additional
characterization and temperature offset correction.
See Figure 4 and Figure 5 for details on the effect of series resistance and power-supply voltage on sensed
remote temperature error.
9.3.2 Differential Input Capacitance
The TMP411 tolerates differential input capacitance of up to 1000 pF with minimal change in temperature error.
The effect of capacitance on sensed remote temperature error is shown in Figure 6.
9.3.3 Temperature Measurement Data
Temperature measurement data is taken over a default range of 0°C to 127°C for local and remote locations.
Measurements from –55°C to +150°C can be made locally and remotely by reconfiguring the TMP411 device for
the extended temperature range. To change the TMP411 configuration from the standard to the extended
temperature range, switch bit 2 (RANGE) of the Configuration Register from low to high.
Temperature data resulting from conversions within the default measurement range are represented in binary
form, as listed in the standard binary column of Table 1. Note that any temperature below 0°C results in a data
value of zero (00h). Likewise, temperatures above 127°C results in a value of 127 (7Fh). The device can be set
to measure over an extended temperature range by changing bit 2 of the Configuration Register from low to high.
The change in measurement range and data format from standard binary to extended binary occurs at the next
temperature conversion. For data captured in the extended temperature range configuration, an offset of 64
(40h) is added to the standard binary value, as listed in the extended binary column in Table 1. This configuration
allows measurement of temperatures below 0°C. It is possible to have binary values in the range of –64°C to
+191°C, but most temperature-sensing diodes measure in the range of –55°C to +150°C. The TMP411 device is
rated only for ambient local temperatures ranging from –40°C to +125°C. Parameters in the Absolute Maximum
Ratings table must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com