Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1006 Datasheet(PDF) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # SC1006
Description  Built-in voltage regulator circuits can be directly input 12V-24V power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

SC1006 Datasheet(HTML) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  SC1006 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1006 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1006 Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1/6 Tones Alarm Generator
SC1006
Silvan Chip Electronics Tech.Co.,Ltd.
Address: Fl.16 FuChang Building,Binhe Rd,Shenzhen,China
Phone: 86-755-88291843
88304213
Fax : 86-755-88290509
Electronic Characteristics
Characteristics
Sym.
Min.
Typ.
Max.
Unit
Remark
Supply Voltage
VPOW
12
24
V
@RZ=1KΩ
Operating Voltage
VDD
--
4.2
4.5
V
@Power=12V, RZ=1KΩ
Operating Current
IOP
--
10
20
mA
No Load, @RZ=1KΩ
BZ1/BZ2 Driving Current
IDRV
--
3.0
--
mA
@VDS=0.7V
Oscillator Frequency
FOSC
--
128
--
KHZ
ROSC= 300KΩ, FOSC±10%
Timing Diagram
VDD
SOFT
S1 S2…..S1S2…
chirp
BZ1/2
S1 S2…..S1S2…
Pin Description
NAME
I/O
SC1006
DIP/SOP
Description
TEST 
O 
3 
TEST PIN 
GND 
Power 
4 
GND 
BZ1 
O 
5 
Audio output pin 1 
BZ2 
O 
6 
Audio output pin 2 
VDD 
Power 
7 
Power 
SEL=OPEN:6 tones cycle 
SEL 
I 
8 
1/6 tones cycle output 
SEL=VDD:1 tone cycle 
SOFT=OPEN:Without soft sound
SOFT 
I 
‐‐ 
Soft sound select pin 
SOFT=VDD:With soft sound 
OSCO 
O 
1 
Oscillator output pin 
OSCI 
I 
2 
Oscillator input pin 
Email: jja@sc-tech.cn
Http://
www.sc-tech.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com