Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1006 Datasheet (PDF) - Silvan Chip Electronics Tech.Co.,Ltd.

SC1006 Datasheet PDF - Silvan Chip Electronics Tech.Co.,Ltd.
Part # SC1006
Download  SC1006 Download
File Size   181.26 Kbytes
Page   3 Pages
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.
Description Built-in voltage regulator circuits can be directly input 12V-24V power supply

SC1006 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1006 Datasheet PDF - Silvan Chip Electronics Tech.Co.,Ltd.

Part # SC1006
Download  SC1006 Click to download

File Size   181.26 Kbytes
Page   3 Pages
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.
Description Built-in voltage regulator circuits can be directly input 12V-24V power supply

SC1006 Datasheet (HTML) - Silvan Chip Electronics Tech.Co.,Ltd.


SC1006 Product details

Features
- CMOS Process
- Low-power, high noise immunity
- Built-in oscillator
- Built-in voltage regulator circuits can be directly input 12V-24V power supply
- Built-in reset circuit, provincial and lack of external reset capacitor
- Power control, loop output




Similar Part No. - SC1006

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SC1006-01LTG LITTELFUSE-SC1006-01LTG Datasheet
616Kb / 5P
6V, 30kV, 5A, SOD523, Unidirectional TVS, General Purpose ESD protection
2022 Littelfuse, Inc
More results


Similar Description - SC1006

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NG4U DBLECTRO-NG4U Datasheet
146Kb / 2P
Can be welded directly onto PCB.
logo
HuaXinAn Electronics CO...
JQX-54FEA HUAXINAN-JQX-54FEA Datasheet
408Kb / 1P
Can be welded directly onto PCB
JQX-102FA HUAXINAN-JQX-102FA Datasheet
489Kb / 1P
Can be welded directly onto PCB.
logo
Maxim Integrated Produc...
MAXREFDES112 MAXIM-MAXREFDES112 Datasheet
682Kb / 15P
ISOLATED 24V TO 12V 10W FLYBACK POWER SUPPLY
9/6/2016
logo
Wurth Elektronik GmbH &...
177920514 WURTH-177920514 Datasheet
1Mb / 21P
Nominal input voltage rails: 5V / 12V / 24V
logo
Contec Co., Ltd
CPSN-DI-16BCL CONTEC-CPSN-DI-16BCL Datasheet
588Kb / 3P
Digital Input Module 16ch, Built-in power supply
logo
Maxim Integrated Produc...
MAXREFDES41 MAXIM-MAXREFDES41 Datasheet
98Kb / 2P
Isolated 24V to 12V 40W Power Supply wi - Maxim
logo
Renesas Technology Corp
RAA230161 RENESAS-RAA230161 Datasheet
1Mb / 17P
24V Input, USB Voltage Supply for Power Delivery
Dec. 4. 2017
logo
Highly Electric Co., Lt...
PB6151H-1-101 HIGHLY-PB6151H-1-101 Datasheet
1,016Kb / 3P
Snap-in type, can be mounted directly on P.C.B Board.
logo
TiMOTION Technology Co....
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com