Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1006 Datasheet(PDF) 3 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # SC1006
Description  Built-in voltage regulator circuits can be directly input 12V-24V power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

SC1006 Datasheet(HTML) 3 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  SC1006 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1006 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1006 Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1/6 Tones Alarm Generator
SC1006
Silvan Chip Electronics Tech.Co.,Ltd.
Address: Fl.16 FuChang Building,Binhe Rd,Shenzhen,China
Phone: 86-755-88291843
88304213
Fax : 86-755-88290509
Application Diagram
-
Single pin output Application
OSCI
2
OSCO
1
TEST
7
GND
4
BZ1
5
BZ2
6
SEL
8
VDD
7
R1
ROSC
R2
Q2
Q1
C1
C2
P/N
8Pin State
Description
OPEN
6 Tones cycle
SC1006
VDD
1 Tones cycle
-
Dual Pin output
OSCI
2
OSCO
1
TEST
7
GND
4
BZ1
5
BZ2
6
SEL
8
VDD
7
R1
ROSC
R2
Q2
Q1
C1
C2
R3
Q6
Q4
Q3
Q5
ROSC EX-CHANGE
ROSC(K
Ω)
470
430
390
330
300
270
240
220
SC1006
FOSC(KHZ)
85
89
99
116
128
137
160
177
Email: jja@sc-tech.cn
Http://
www.sc-tech.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com