Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0931003003 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # T0931003003
Description  General Overview of Heavy Duty Connectors
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T0931003003 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  T0931003003 Datasheet HTML 1Page - TE Connectivity Ltd T0931003003 Datasheet HTML 2Page - TE Connectivity Ltd T0931003003 Datasheet HTML 3Page - TE Connectivity Ltd T0931003003 Datasheet HTML 4Page - TE Connectivity Ltd T0931003003 Datasheet HTML 5Page - TE Connectivity Ltd T0931003003 Datasheet HTML 6Page - TE Connectivity Ltd T0931003003 Datasheet HTML 7Page - TE Connectivity Ltd T0931003003 Datasheet HTML 8Page - TE Connectivity Ltd T0931003003 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
PRODUCT CERTIFICATIONS
INDUSTRIAL /// HEAVY DUTY CONNECTORS
4
INDUSTRIAL /// HEAVY DUTY CONNECTORS
General Overview of Heavy Duty Connectors
TE has been producing Heavy Duty Connectors (HDC) for over 60 years. The portfolio includes one of the very best
in quality and sustainability, helping you to reduce go-to-market time.
Featuring a modular design, TE HDCs fit perfectly in our one-piece frame, to make installation more convenient and
time-saving. Moreover, the docking frame allows for blind mating in spaces with limited visibility and offers direct
access, for easier installation, when compared to more traditional solutions.
With up to 48 pins in a single module, TE’s HDCs provide one of the highest density in the market for maximum
space saving in the application.
TE HDCs are available with low minimum order quantities and are fully backed by TE’s expert engineering support
in all regions.
KEY BENEFITS
• Robustness: designed to deliver
reliable performance under the
most demanding operating and
environmental conditions.
• Maximum flexibility: multiple options
to meet applications more accurately.
• Design freedom: flexible designs so
customers can choose/create a DIY
interface for their equipment.
• Sustainability: The industry-
standardized interface and TE’s global
footprint help to reduce customers’
supply chain risks.
KEY FEATURES
• Metal and thermoplastic enclosures
• Various specifications for power,
signal and data
• Modular design
• High current solution
SPECIFICATIONS
• DIN EN 175 301-801
• DIN EN 60664-1
• DIN EN 61 984
TE Connectivity‘s Heavy Duty Connectors
General Overview of Heavy Duty Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com