Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0931003003 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # T0931003003
Description  General Overview of Heavy Duty Connectors
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T0931003003 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button T0931003003 Datasheet HTML 4Page - TE Connectivity Ltd T0931003003 Datasheet HTML 5Page - TE Connectivity Ltd T0931003003 Datasheet HTML 6Page - TE Connectivity Ltd T0931003003 Datasheet HTML 7Page - TE Connectivity Ltd T0931003003 Datasheet HTML 8Page - TE Connectivity Ltd T0931003003 Datasheet HTML 9Page - TE Connectivity Ltd T0931003003 Datasheet HTML 10Page - TE Connectivity Ltd T0931003003 Datasheet HTML 11Page - TE Connectivity Ltd T0931003003 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
HDC Components Overview
INDUSTRIAL /// HEAVY DUTY CONNECTORS
8
TE Connectivity‘s Heavy Duty Connectors
HDC Component Overview
HMN MODULAR SYSTEM
• High flexibility and possibility of customization
• Combination of different technologies within one connector:
Power, Signal, Pneumatic, RJ45, D-Sub, USB, Quint
• Current up to 200A
• Voltage up to 1000V
• One-piece frame enabling tool less assembly
• Male and female in 1 frame possible
• HMN docking frame enables Blind mating
HOODS & HOUSINGS
Extremely impact-resistant and robust surface due to powder coating
to enable the usage in harsh environment, available in many versions:
• Protection degrees IP65, IP67, IP68 and IP69k
• Standard, pressure-tight, EMC and corrosion resistant variants
• Anti-corrosion series with excellent protection against corrosion
and environmental influences due to hard anodic oxidation layer
(hard coating):
—
500H salt spray test resistance (BPR/HCM)
—
1000H salt spray test resistance (HIP-K)
• Available in standard and high construction version
CONTACT SYSTEMS
• 5A – 650A
• Crimp contacts: highest contact density, special tools necessary,
vibration proof, gas-tight termination, suitable for termination with
crimping machines
• Screw termination: no special tools necessary
• Spring clamp: no special tools necessary, vibration proof
INSERT
• Certified approval according to TÜV, UL as well as CSA
• Flame-retardant materials according to UL94-V0
• Available for screw, crimp and cage clamp termination
• Combination inserts for signal and power contacts in one
insert – HK/HWK series, HMN modular system
• Up to 216 pins in one connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com