Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0931003003 Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # T0931003003
Description  General Overview of Heavy Duty Connectors
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T0931003003 Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button T0931003003 Datasheet HTML 9Page - TE Connectivity Ltd T0931003003 Datasheet HTML 10Page - TE Connectivity Ltd T0931003003 Datasheet HTML 11Page - TE Connectivity Ltd T0931003003 Datasheet HTML 12Page - TE Connectivity Ltd T0931003003 Datasheet HTML 13Page - TE Connectivity Ltd T0931003003 Datasheet HTML 14Page - TE Connectivity Ltd T0931003003 Datasheet HTML 15Page - TE Connectivity Ltd T0931003003 Datasheet HTML 16Page - TE Connectivity Ltd T0931003003 Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
INDUSTRIAL /// HEAVY DUTY CONNECTORS
13
TE Connectivity‘s Heavy Duty Connectors
Terminal Type
Inserts
Max.wire gauge
Stripping length L (mm)
mm2
AWG
HA-003, HA-004
2.5
14
4.5
HE, HA, HEAV
2.5
14
7.5
HE, HVE
4
12
7.5
HSB
6
10
11.5
HK, HWK
16
5
14
Screw terminal
Crimp terminal
HEC, HEE series
HEEE series
HMN series
Spring Terminal
Recommended tightening torque and size of screw driver
Size of screw
Connector type
Tightening torque
[Nm]
Tightening torque
[Ibft]
Recommended size of screw driver
M3
Screw terminal HA-003/HA-004/HQ-005
0.25
0.2
0.4x2.5
M3
Screw terminal HA-010, HA-016
0.5
0.4
0.5x3.5 or±size 1
M3
Screw terminal HE, HVAE fixing screws of all
kinds, guiding pins and bushes
0.5
0.4
0.5x3.5
M4
Ground terminal HA, HE, HD, HDD
1.2
0.9
0.5x3.5 or±size 1+2
M4
Terminal blocks HSB
1.2
0.9
0.8x4.5
M5
Ground terminal HSB
2
1.4
0.8x4.5 - 1.2x8.0
Inserts
Max.wire gauge
Stripping length L (mm)
mm2
AWG
HDD/HD
HEC/HAC
HD
HDD
HM(10A)
0.5
20
8
7.5
0.75
18
8
7.5
1
18
8
7.5
1.5
16
8
7.5
2.5
14
8
7.5
4
12
-
7.5
Inserts
Max.wire gauge
Stripping length L (mm)
mm2
AWG
HEE/HMN (40A)
HEC
HEE
HEEE
HM(40A)
0.5
20
7.5
0.75
18
7.5
1
18
7.5
1.5
16
7.5
2.5
14
7.5
4
12
7.5
Inserts
Max.wire gauge
Stripping length L
mm2
AWG
(mm)
HAS, HES, HESAV
0.14-2.5
26-14
9-11
Terminal Type
HA series
HE, HVE series
HSB series
HK series
HWK series
HEAV series
HD series
HDD series
HAS series
HES series
HESAV series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com