Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2H Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF2H
Description  0.5 mm-Pitch Rotary-Lock FPC Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2H Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF2H Datasheet HTML 1Page - Omron Electronics LLC XF2H Datasheet HTML 2Page - Omron Electronics LLC XF2H Datasheet HTML 3Page - Omron Electronics LLC XF2H Datasheet HTML 4Page - Omron Electronics LLC XF2H Datasheet HTML 5Page - Omron Electronics LLC XF2H Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
0.5 mm-Pitch Rotary-Lock FPC Connector
XF2H
SMT ZIF (Zero Insertion Force)
Connector with Rotary-Lock
Improves Assembly Reliability,
Manufacturing Efficiency
H
Rotary-lock at rear instead of front
simplifies assembly, provides secure
connection even if cable flexes upward
H
FPC housing design ensures reliable
alignment of the circuits during
assembly, unaffected by rotary-lock
H
Double-sided contacts can be used
wherever top or bottom connection is
needed, reducing part numbers on the
bill of materials
H
Connector is supplied with rotary-lock in
the open position, eliminating one step
during assembly, improving productivity
H
Low profile, measures only 2 mm max.
above the circuit board
H
Connectors supplied on tape reels for
automatic insertion
Ordering Information
Circuits
Part number
Circuits
Part number
Quantity per reel
10
XF2H-1015-1
30
XF2H-3015-1
1,500 per reel
12
XF2H-1215-1
32
XF2H-3215-1
,
p
13
XF2H-1315-1
33
XF2H-3315-1
Order in multiples of the quantity per reel.
14
XF2H-1415-1
34
XF2H-3415-1
Order in multiples of the quantity per reel.
18
XF2H-1815-1
35
XF2H-3515-1
20
XF2H-2015-1
36
XF2H-3615-1
21
XF2H-2115-1
38
XF2H-3815-1
22
XF2H-2215-1
40
XF2H-4015-1
24
XF2H-2415-1
45
XF2H-4515-1
26
XF2H-2615-1
50
XF2H-5015-1
Note: Connectors with different circuit counts and contact locations are available on special order. Contact your Omron representative.


Similar Part No. - XF2H

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2-20 XFMRS-XF2-20 Datasheet
42Kb / 1P
TRANSFORMER
XF2-5GPOL XFMRS-XF2-5GPOL Datasheet
735Kb / 2P
TRANSFORMER MODULES
XF2-5GPOLA XFMRS-XF2-5GPOLA Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLB XFMRS-XF2-5GPOLB Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLC XFMRS-XF2-5GPOLC Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
More results

Similar Description - XF2H

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
FF20-8A-R11A DDK-FF20-8A-R11A Datasheet
178Kb / 3P
0.3 mm Pitch Ultra Low Profile FPC Back Lock Connector
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
0.3mm Pitch Solid Back Lock FPC Connector
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
logo
Omron Electronics LLC
XF2M OMRON-XF2M Datasheet
240Kb / 4P
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2W OMRON-XF2W Datasheet
259Kb / 4P
Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF2M_1011 OMRON-XF2M_1011 Datasheet
192Kb / 4P
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
logo
Hirose Electric
ITS-P-10002FH HIROSE-ITS-P-10002FH Datasheet
361Kb / 1P
0.5 mm Pitch, 2 mm Height, Robust FPC/FFC Connector
logo
Omron Electronics LLC
XF2G OMRON-XF2G Datasheet
304Kb / 4P
0.5 mm-Pitch Vertical FPC Connector
logo
Hirose Electric
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com