Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2H Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XF2H
Description  0.5 mm-Pitch Rotary-Lock FPC Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2H Datasheet(HTML) 2 Page - Omron Electronics LLC

  XF2H Datasheet HTML 1Page - Omron Electronics LLC XF2H Datasheet HTML 2Page - Omron Electronics LLC XF2H Datasheet HTML 3Page - Omron Electronics LLC XF2H Datasheet HTML 4Page - Omron Electronics LLC XF2H Datasheet HTML 5Page - Omron Electronics LLC XF2H Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
XF2H
XF2H
2
Specifications
Rated current
0.5 A
Rated voltage
50 VDC
Contact resistance
30 MΩ max. at 20 mVDC, 100 mA max.
Insulation resistance
100 MΩ min. at 250 VDC
Withstand voltage
250 VAC for 1 minute (with a leakage current of 1 mA max.)
Insertion tolerance
20 times
Ambient temperature
--30°Cto 85°C(--22°F to 185°F); no condensation at low temperatures
J
MATERIALS/FINISH
Housing
PA46 resin (UL94V-0)/natural
Slide lock
LCP resin (UL94V-0)/black
Contact
Copper-alloy/nickel spring substrate (2 µm) plated with tin alloy (2 µm)
Hold-down
Copper-alloy/copper substrate (2 µm) plated with tin alloy (2 µm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com