Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2H Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XF2H
Description  0.5 mm-Pitch Rotary-Lock FPC Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2H Datasheet(HTML) 4 Page - Omron Electronics LLC

  XF2H Datasheet HTML 1Page - Omron Electronics LLC XF2H Datasheet HTML 2Page - Omron Electronics LLC XF2H Datasheet HTML 3Page - Omron Electronics LLC XF2H Datasheet HTML 4Page - Omron Electronics LLC XF2H Datasheet HTML 5Page - Omron Electronics LLC XF2H Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
XF2H
XF2H
4
J
TAPE AND REEL DIMENSIONS
13±0.2
(0.512) dia.
Direction of
drawout
3 (0.118)
G
80
(3.15)
dia.
330
(12.99)
dia.
+0.2
0
4±0.1 (0.157)
2±0.1 (0.079)
B±0.2
A±0.2
1.7±0.1
(0.067)
C±0.2
D±0.1
E±0.1
Direction of
drawout
3.7±0.1
(0.146)
6.6±0.1 (0.260)
3.2±0.1
(0.126)
4.7±0.1 (0.185)
1.5
(0.055) dia.
1.75±0.1
(0.069)
8±0.1 (0.315)
F±0.3
12±0.1
(0.472)
1.5
(0.055)
+0.1
0
+0.1
0
Circuits
Part number
A
B
C
D
E
F
G
10
XF2H-1015-1
10.2 (0.402)
8.7 (0.343)
7.4 (0.291)
11.5 (0.453)
—
24.0 (0.945)
24.4 (0.961)
12
XF2H-1215-1
11.2 (0.441)
9.7 (0.82)
8.4 (0.331)
(
)
(
)
(
)
13
XF2H-1315-1
11.7 (0.461)
10.2 (0.402)
8.9 (0.350)
14
XF2H-1415-1
12.2 (0.480)
10.7 (0.421)
9.4 (0.370)
18
XF2H-1815-1
14.2 (0.559)
12.7 (0.5)
11.4 (0.449)
20
XF2H-2015-1
15.2 (0.598)
13.7 (0.539)
12.4 (0.488)
21
XF2H-2115-1
15.7 (0.618)
14.2 (0.559)
12.9 (0.508)
22
XF2H-2215-1
16.2 (0.638)
14.7 (0.579)
13.4 (0.528)
24
XF2H-2415-1
17.2 (0.677)
15.7 (0.618)
14.4 (0.567)
26
XF2H-2615-1
18.2 (0.717)
16.7 (0.657)
15.4 (0.606)
14.2 (0.559)
28.4 (1.118)
32.0 (1.260)
32.4 (1.276)
30
XF2H-3015-1
20.2 (0.795)
18.7 (0.736)
17.4 (0.685)
(
)
(
)
(
)
(
)
32
XF2H-3215-1
21.2 (0.835)
19.7 (0.776)
18.4 (0.724)
33
XF2H-3315-1
21.7 (0.854)
20.2 (0.795)
18.9 (0.744)
34
XF2H-3415-1
22.2 (0.874)
20.7 (0.815)
19.4 (0.764)
35
XF2H-3515-1
22.7 (0.894)
21.2 (0.835)
19.9 (0.783)
20.2 (0.795)
40.4 (1.591)
44.0 (1.732)
44.4 (1.748)
36
XF2H-3615-1
23.2 (0.913)
21.7 (0854)
20.4 (0.803)
(
)
(
)
(
)
(
)
38
XF2H-3815-1
24.2 (0.953)
22.7 (0.894)
21.4 (0.843)
40
XF2H-4015-1
25.2 (0.992)
23.7 (0.933)
22.4 (0.882)
45
XF2H-4515-1
27.7 (1.091)
26.2 (1.031)
24.9 (0.980)
50
XF2H-5015-1
30.2 (1.189)
28.7 (1.130)
27.4 (1.079)
Note: *For tape widths of 24 mm (dimension F), pilot holes are located on one side only.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com