Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFY50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BFY50
Description  MEDIUM POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BFY50 Datasheet(HTML) 1 Page - STMicroelectronics

  BFY50 Datasheet HTML 1Page - STMicroelectronics BFY50 Datasheet HTML 2Page - STMicroelectronics BFY50 Datasheet HTML 3Page - STMicroelectronics BFY50 Datasheet HTML 4Page - STMicroelectronics BFY50 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BFY50/51
MEDIUM POWER AMPLIFIER
DESCRIPTION
The BFY50 and BFY52 are silicon planar
epitaxial NPN transistors in Jedec TO-39 metal
case. They are intended for general purpose
linear and switching applications.
INTERNAL SCHEMATIC DIAGRAM
November 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
BFY50
BFY51
VCBO
Collect or-Base Voltage (IE =0)
80
60
V
VCEO
Collect or-Emitt er Voltage (IB =0)
35
30
V
VEBO
Emitt er-Base Voltage (IC =0)
6
V
IC
Collect or Current
1
A
ICM
Collect or Peak Current (tp <5 ms)
1.5
A
Ptot
Total Dissipation at Tamb
≤ 25 oC
at Tcase
≤ 25 oC
0.8
5
W
W
Tstg
St orage Temperature
-65 t o 200
oC
Tj
Max. Operating Junction Temperature
200
oC
TO-39
1/5


Similar Part No. - BFY50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFY50 PHILIPS-BFY50 Datasheet
55Kb / 8P
NPN medium power transistors
1997 Apr 22
logo
Seme LAB
BFY50 SEME-LAB-BFY50 Datasheet
18Kb / 2P
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Central Semiconductor C...
BFY50 CENTRAL-BFY50 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BFY50 SEME-LAB-BFY50 Datasheet
43Kb / 2P
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
BFY50 CDIL-BFY50 Datasheet
138Kb / 4P
SILICON PLANAR TRANSISTORS
More results

Similar Description - BFY50

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com