Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFY50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BFY50
Description  MEDIUM POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BFY50 Datasheet(HTML) 2 Page - STMicroelectronics

  BFY50 Datasheet HTML 1Page - STMicroelectronics BFY50 Datasheet HTML 2Page - STMicroelectronics BFY50 Datasheet HTML 3Page - STMicroelectronics BFY50 Datasheet HTML 4Page - STMicroelectronics BFY50 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
35
218
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
for BFY50
VCB =60 V
VCB =60 V
Tcas e =100
oC
for BFY51
VCB =40 V
VCB =40 V
Tcas e =100
oC
50
2.5
50
2.5
nA
µA
nA
µA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =5 V
VEB =5 V
Tcase =100
oC
50
2.5
nA
µA
V(BR)CBO
Collect or-Base
Breakdown Volt age
(I E = 0)
IC =100
µA
for BFY50
for BFY51
80
60
V
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =30 mA
for BFY50
for BFY51
35
30
V
V
V(BR)EBO
Emitt er-Base
Breakdown Volt age
(IC =0)
IC =100
µA6
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =150 mA
IB =15 mA
for BFY50
for BFY51
IC =1 A
IB =0.1 A
for BFY50
for BFY51
0. 14
0. 14
0.7
0.7
0.2
0.35
1
1.6
V
V
V
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =150 mA
IB =15 mA
IC =1 A
IB =0.1 A
0. 95
1.5
1.3
2
V
V
hFE
∗
DC Current G ain
for BFY50
IC =10 mA
VCE =10 V
IC =150 mA
VCE =10 V
IC =1A
VCE =10 V
for BFY51
IC =10 mA
VCE =10 V
IC =150 mA
VCE =10 V
IC =1A
VCE =10 V
20
30
15
30
40
15
40
55
30
55
70
40
hfe
∗
Small Signal Current
Gain
VCE =6 V
f =1KHz
IC =1 mA
for BFY50
for BFY51
IC =10 mA
for BFY50
for BFY51
25
30
45
60
fT
Transit ion F requency
IC =50 mA
VCE =10 V
for BFY50
for BFY51
60
50
100
110
MHz
MHz
CCBO
Collect or Base
Capacitance
IE =0
VCB = 10 V
f = 1MHz
10
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1%
BFY50/BFY51
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com