Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFY50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BFY50
Description  MEDIUM POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BFY50 Datasheet(HTML) 3 Page - STMicroelectronics

  BFY50 Datasheet HTML 1Page - STMicroelectronics BFY50 Datasheet HTML 2Page - STMicroelectronics BFY50 Datasheet HTML 3Page - STMicroelectronics BFY50 Datasheet HTML 4Page - STMicroelectronics BFY50 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
hie
Input Impedance
IC =10 mA
VCE =5 V
f =1KHz
for BFY50
for BFY51
180
220
Ω
Ω
hre
Reverse Voltage Ratio
IC =10 mA
VCE =5 V
f =1KHz
for BFY50
for BFY51
55
70
10
-6
10
-6
hoe
Output Admittance
IC =10 mA
VCE =5 V
f =1KHz
for BFY50
for BFY51
30
35
µS
µS
td
Delay Time
IC =150 mA
VCC =10 V
IB1 =15 mA
VBE =-2 V
15
ns
tr
Rise Time
IC =150 mA
VCC =10 V
IB1 =15 mA
VBE =-2 V
40
ns
ts
St orage Time
IC =150 mA
VCC =10 V
IB1 =-IB2 =15 mA
300
ns
tf
Fall T ime
IC =150 mA
VCC =10 V
IB1 =-IB2 =15 mA
60
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1%
BFY50/BFY51
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com