Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5502SAC Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LSP5502SAC
Description  2A Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5502SAC Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LSP5502SAC Datasheet HTML 1Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 2Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 3Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 4Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 5Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 6Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 7Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 8Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LSP5502
2A Synchronous Step Down DC/DC Converter
4/11
Rev. 1.7
www.liteon-semi.com
APPLICATION INFORMATION
Output Voltage Setting
Figure1. Output Voltage Setting
Figure 1 shows the connections for setting the output voltage. Select the proper ratio of the two feedback resistors
RFB1 and RFB2 based on the output voltage. Typically, use RFB2 ≈ 10kΩ and determine RFB1 from the following
equation:
(1)
Table 1-Recommended Resistance Values
VOUT
RFB1
RFB2
1.0V
1.0kΩ
12kΩ
1.2V
3.0kΩ
10kΩ
1.8V
9.53kΩ
10kΩ
2.5V
16.9kΩ
10kΩ
3.3V
26.1kΩ
10kΩ
5V
44.2kΩ
10kΩ
12V
121kΩ
10kΩ
Inductor Selection
The inductor maintains a continuous current to the output load. This inductor current has a ripple that is dependent
on the inductance value: higher inductance reduces the peak-to-peak ripple current. The trade off for high
inductance value is the increase in inductor core size and series resistance, and the reduction in current handling
capability. In general, select an inductance value L based on the ripple current requirement:
RIPPLE
OUTMAX
SW
IN
OUT
IN
OUT
K
I
f
V
)
V
V
(
V
L
−
•
=
(2)
where VIN is the input voltage, VOUT is the output voltage, fSW is the switching frequency, IOUTMAX is the maximum
output current, and KRIPPLE is the ripple factor. Typically, choose KRIPPLE = 30% to correspond to the peak-to-peak
ripple current being 30% of the maximum output current.
With this inductor value, the peak inductor current is IOUT • (1 + KRIPPLE / 2). Make sure that this peak inductor current
is less that the 3A current limit. Finally, select the inductor core size so that it does not saturate at 3A. Typical
inductor values for various output voltages are shown in Table 1.
VOUT 1.0V 1.2V 1.5V 1.8V 2.5V 3.3V
5V
L
4.7uH 4.7uH 6.8µH6.8µH 10µH 10µH 15µH
Table 1. Typical Inductor Values
Input Capacitor
Free Datasheet http://www.nDatasheet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com