Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5502SAC Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LSP5502SAC
Description  2A Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5502SAC Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LSP5502SAC Datasheet HTML 3Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 4Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 5Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 6Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 7Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 8Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 9Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 10Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LSP5502
2A Synchronous Step Down DC/DC Converter
8/11
Rev. 1.7
www.liteon-semi.com
VIN = 12V
VOUT= 5V/2A
LSP5502
IN
EN
FB
SW
GND
C1
C2
0.1µF
C5
47pF
L1
C6
10nF
44.2k
R2
10k
R3
6.8k
COMP
R4
100k
BS
R1
C4
2.2nF
2
7
3
5
1
8
6
SS
0.1µF
C3
4
15µH/2A
22µF/16V
C7
22µF/10V
CERAMIC
x2
Figure 3 shows a sample LSP5502 application circuit generating 5V/2A output.
VIN = 12V
VOUT= 1V/2A
LSP5502
IN
EN
FB
SW
GND
C1
C2
0.1µF
C5
100 pF
L1
C6
10nF
1k
R2
12k
R3
1.5k
COMP
R4
100k
BS
R1
C4
10nF
2
7
3
5
1
8
6
SS
0.1µF
C3
4
4.7µH/2A
22µF/16V
C7
22µF/6.3V
CERAMIC
x2
Figure 4 shows a sample LSP5502 application circuit generating 1.0V/2A output.
Free Datasheet http://www.nDatasheet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com