Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5502SAC Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LSP5502SAC
Description  2A Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5502SAC Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LSP5502SAC Datasheet HTML 3Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 4Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 5Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 6Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 7Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 8Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 9Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 10Page - Lite-On Technology Corporation LSP5502SAC Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LSP5502
2A Synchronous Step Down DC/DC Converter
11/11
Rev. 1.7
www.liteon-semi.com
PACKAGE INFORMATION
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.35
1.6
1.75
0.053
0.063
0.069
A1
0.1
0.25
0.004
0.01
A2
1.25
1.45
1.55
0.049
0.057
0.061
B
0.31
0.41
0.51
0.012
0.016
0.02
C
0.1
0.2
0.25
0.0039
0.008
0.01
D
4.8
4.9
5
0.192
0.196
0.2
E
3.8
3.9
4
0.148
0.154
0.16
e
1.27 BSC
0.050 BSC
H
5.7
6
6.3
0.224
0.236
0.248
L
0.4
0.71
1.27
0.015
0.028
0.05
θ
0
ο
8
ο
0
ο
8
ο
Free Datasheet http://www.nDatasheet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com