Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7523L/H Datasheet(PDF) 33 Page - Power Integrations, Inc.

Part # PFS7523L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523L/H Datasheet(HTML) 33 Page - Power Integrations, Inc.

Back Button PFS7523L/H Datasheet HTML 29Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 30Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 31Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 32Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 33Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 34Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 35Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 36Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 37Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Rev. D 04/25
33
PFS7523-7529/7533-7539
www.power.com
75
100
125
150
1
10
100
1000
Temperature (°C)
PFS7523L/33H
1
PFS7524L/34H
1.2
PFS7525L/25H/35H 1.5
PFS7526H/36H
1.8
PFS7527H/37H
2.1
PFS7528H/38H
2.4
PFS7529H/39H
2.8
Scaling Factors:
Temperature (˚C)
10000
1000
100
10
1
25
50
75
100
125
150
IR-3A-200 V
IR-3A-400 V
IR-3A-530 V
Temperature (˚C)
100000
10000
1000
100
10
1
-40
50
75
100
125
150
IR-6A-200 V
IR-6A-400 V
IR-6A-530 V
Typical Performance Characteristics
Figure 27. Temperature Dependence of 3 A Qspeed Diode
Reverse Current.
Figure 28. Temperature Dependence of 6 A Qspeed Diode
Reverse Current
Figure 29. Typical Temperature Dependence of I
DSS at 80%
of BV
DSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com