Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7523L/H Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # PFS7523L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523L/H Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button PFS7523L/H Datasheet HTML 6Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 7Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 8Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 9Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 10Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 11Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 12Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 13Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Rev. D 04/25
10
PFS7523-7529/7533-7539
www.power.com
Open FEEDBACK Pin Protection
The FEEDBACK pin continuously sinks a static current of I
FBPD [VCC >
VCC
UVLO+] to protect against a fault related to an open FEEDBACK pin
or incomplete feedback divider network. The internal current sink
introduces a small static offset to the output regulation which can be
accounted for in selecting the output feedback regulation components
(FEEDBACK pin divider).
Hysteretic Thermal Shutdown
The thermal shutdown circuitry senses the controller die temperature
which is well coupled to the heat sink through the exposed, grounded
pad. The threshold is set at 117 °C typical with a 36 °C hysteresis.
When the controller die temperature rises above this threshold (OTP),
the controller initiates a soft-shutdown and remains disabled until the
controller die temperature falls by ~36 °C, at which point the device
will re-initiate the start-up sequence.
The maximum time delay for soft-shutdown to occur after an OTP
event is detected is t
OTP beyond the next zero-crossing.
HiperPFS-3 Additional Features and Changes
Note: HiperPFS-3 is not a pin for pin drop-in replacement of
HiperPFS-2 due to functional changes and optimizations.
• Improved operating supply voltage maximum: 15 V.
• Reduced external component count.
• Improved tolerance of key parameters over a wide temperature
range.
• Modified architecture improving noise immunity and operational
accuracy.
• Feedback network voltage divider is decoupled from the loop
compensation components.
• High-line only family of parts added to HiperPFS-3 family.
• Peak-detector supports deglitch methodology for NTC in-rush
current limiting at start-up.
• Digital Power Factor Enhancer algorithm improves high-line light
load power factor.
• OTA error amplifier replaces voltage error amplifier of
HiperPFS-2.
• NLA implemented via fixed current sources for quick transient
response, replaces switched voltage gain in HiperPFS-2.
• Off-time controller senses actual feedback voltage to calculate
off-time to prevent inductor saturation.
• VOLTAGE MONITOR pin uses voltage-mode sensing rather than
current-mode sensing of HiperPFS-2, allowing flexibility in selection
of magnitude of resistor divider.
• Reduced minimum line feed-forward gain supports higher power
delivery during line sag events.
• Line feed-forward gain implemented with true squaring function,
versus piece-wise linear approximation.
• Line voltage functions performed in the digital domain: peak detec-
tion, feed-forward, brown-in/brown-out and PF-enhancement.
• Peak detector incorporates filtering to smooth out cycle-to-cycle
variation.
• Optimized brown-in/brown-out thresholds with tighter tolerances.
• Most timers are derived from an internal high-speed clock
providing accurate timing.
• eSIP-16 package pinout has been modified for optimal operation
and internal grounding.
• No-load/light-load power consumption optimized by re-engineered
burst-mode operation.
• Reduced control-engine power consumption: standby current
reduced by ~4~5× HiperPFS-2 nominal.
• HiperPFS-3 REFERENCE pin replaces HiperPFS-2 REFERENCE pin;
external bypass capacitor replaces external 1% resistor.
• V
FB(REF) reduced to 3.85 V nominal from 6.0 V nominal in
HiperPFS-2.
• Peak detector optimized across maximum operational conditions
when operating with distorted waveforms and line drop-outs.
• Square-wave detector feature for improved UPS operation.
• Power good function is independent of engine during operation
except for OTP events.
• FB
OFF fault check is always enabled during operation.
• Maximum CCM peak switching frequency has been increased from
~100 kHz to 123 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com