Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7523L/H Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # PFS7523L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523L/H Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button PFS7523L/H Datasheet HTML 7Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 8Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 9Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 10Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 11Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 12Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 13Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 14Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Rev. D 04/25
11
PFS7523-7529/7533-7539
www.power.com
Output Power Table
eSIP Package
Product
Efficiency Power Mode C
REF = 0.1 µF
Full Power Mode C
REF = 1.0 µF
Maximum Continuous
Output Power Rating at
90 VAC2
Peak Output Power
Rating at 90 VAC4
Maximum Continuous
Output Power Rating at
90 VAC2
Peak Output Power
Rating at 90 VAC4
Minimum3
Maximum
Minimum3
Maximum
PFS7523L/H
65 W
90 W
100 W
85 W
110 W
120 W
PFS7524L/H
80 W
110 W
125 W
100 W
130 W
150 W
PFS7525L/H
110 W
150 W
170 W
140 W
185 W
205 W
PFS7526H
140 W
190 W
215 W
180 W
230 W
260 W
PFS7527H
175 W
235 W
265 W
220 W
290 W
320 W
PFS7528H
210 W
285 W
320 W
270 W
350 W
385 W
PFS7529H
245 W
335 W
375 W
300 W
405 W
450 W
Product
Efficiency Power Mode C
REF = 0.1 µF
Full Power Mode C
REF = 1.0 µF
Maximum Continuous
Output Power Rating at
180 VAC2
Peak Output Power
Rating at 180 VAC4
Maximum Continuous
Output Power Rating at
180 VAC2
Peak Output Power
Rating at 180 VAC4
Minimum3
Maximum
Minimum3
Maximum
PFS7533H
155 W
205 W
230 W
195 W
255 W
280 W
PFS7534H
200 W
260 W
290 W
240 W
315 W
350 W
PFS7535H
275 W
360 W
400 W
335 W
435 W
480 W
PFS7536H
350 W
460 W
510 W
415 W
550 W
610 W
PFS7537H
430 W
560 W
625 W
520 W
675 W
750 W
PFS7538H
520 W
675 W
750 W
625 W
810 W
900 W
PFS7539L/H
575 W
745 W
830 W
690 W
900 W
1000 W
Table 2. Output Power Table.
Notes:
1. See Key Application considerations.
2. Maximum practical continuous power at 90 VAC in an open-frame design with adequate heat sinking, measured at 50 °C ambient.
3. Recommended lower range of maximum continuous power for best light load efficiency; HiperPFS-3 will operate and perform below this level.
4. Internal output power limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com