Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1557 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # D1557
Description  Low frequency amplifier case rated bipolar transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

D1557 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  D1557 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. D1557 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. D1557 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. D1557 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. D1557 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. D1557 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
低频放大管壳额定的双极型晶体管
D1557
产品特性
◆
高耐压:VCBO=1700V
◆
饱和压降低:VCE(sat)=1V(max.)
◆
高开关速度:tf=0.8μS(max.)
◆
高可靠性
◆
环保(RoHS)产品
主要用途
◆
彩色电视机行输出电路
引线端序号及等效电路
RBE=50Ω(典型值)
概述
3DD1557 是 NPN 双极型高反压大功率晶体管,制造
中采用的主要工艺技术有:高压台面工艺技术、三重
扩散技术等,采用塑料全包封结构。
绝对最大额定值(Tc=25℃)
项
目
符
号
数
值
单
位
集电极—基极直流电压
VCBO
1700
V
集电极—发射极直流电压
VCEO
830
V
发射极—基极直流电压
VEBO
8
V
最大集电极直流电流
IC
10
A
最大集电极脉冲电流
ICP
20
A
最大基极直流电流
IB
5
A
最大集电极耗散功率
PC
50
W
最高结温
Tj
150
℃
贮存温度
Tstg
-55~150
℃
版本:604A
1/6


Similar Part No. - D1557

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1553 ETC1-D1553 Datasheet
137Kb / 1P
TO-39(H) PACKAGE SERIES
logo
Savantic, Inc.
D1554 SAVANTIC-D1554 Datasheet
240Kb / 3P
Silicon NPN Power Transistors
logo
Z-Communications, Inc
D1555 ZCOMM-D1555 Datasheet
253Kb / 2P
VCO MODEL D-1555
logo
Wing Shing Computer Com...
D1555 WINGS-D1555 Datasheet
29Kb / 1P
NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
JILIN SINO-MICROELECTRO...
D1555 JSMC-D1555 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD1555 FOR LOW FREQUENCY
More results

Similar Description - D1557

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD2109 JSMC-3DD2109 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2109 FOR LOW FREQUENCY
3DD5024 JSMC-3DD5024 Datasheet
433Kb / 5P
CASE-RATED BIPOLAR TRANSISTOR 3DD5308DHF FOR LOW FREQUENCY AMPLIFICATION
3DD5031 JSMC-3DD5031 Datasheet
190Kb / 7P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5031 FOR LOW FREQUENCY
3DD5036 JSMC-3DD5036 Datasheet
151Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5036 FOR LOW FREQUENCY
3DD5039 JSMC-3DD5039 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5039 FOR LOW FREQUENCY
3DD5287 JSMC-3DD5287 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287 FOR LOW FREQUENCY
3DD5287C JSMC-3DD5287C Datasheet
149Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287C FOR LOW FREQUENCY
3DD5310A JSMC-3DD5310A Datasheet
243Kb / 5P
CASE-RATED BIPOLAR TRANSISTOR 3DD5310 FOR LOW FREQUENCY AMPLIFICATION
3DD5310HF JSMC-3DD5310HF Datasheet
246Kb / 5P
CASE-RATED BIPOLAR TRANSISTOR 3DD5310 FOR LOW FREQUENCY AMPLIFICATION
3DD5606 JSMC-3DD5606 Datasheet
173Kb / 3P
CASE-RATED BIPOLAR TRANSISTOR 3DD5606 FOR LOW FREQUENCY AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com