Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1557 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # D1557
Description  Low frequency amplifier case rated bipolar transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

D1557 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  D1557 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. D1557 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. D1557 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. D1557 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. D1557 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. D1557 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
D1557
电特性 (Tc=25℃)
项
目
符 号
测试条件
最小值
最大值
单位
集电极—基极击穿电压
V(BR)CBO
IC=1mA, IE=0
1500
-
V
发射极—基极击穿电压
V(BR)EBO
IE=400mA, IC=0
6
-
V
集电极—基极反向漏电流
ICBO
VCB=1500V, IE=0
-
1
mA
发射极—基极反向漏电流
IEBO
VEB=5V, IC=0
66
200
mA
hFE(1)
VCE=5V,
IC=1A
8
28
直流电流增益
hFE(2)
VCE=5V,
IC=5A
5
-
集电极—发射极饱和压降
VCE(sat)
IC=5.5A,
IB=1.38A
-
1
V
基极—发射极饱和压降
VBE(sat)
IC=5.5A,
IB=1.38A
-
1
V
阻尼二极管正向压降
-VF
IF=5.5A
-
2
V
下降时间
tf
IC=5.5A,2IB1=-IB2=2.4A
fH=15.75KHz
-
0.8
μS
贮存时间
ts
IC=5.5A,2IB1=-IB2=2.4A
fH=15.75KHz
-
8
μS
特征频率
fT
VCE=10V, IC=0.1A
1
-
MHz
版本:604A
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com