Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 22 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 22 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P_V01 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
22 / 28
Copyright © 2015, Injoinic Corp.
Layout from 10mOhm sample resistor to input/output MOSFET
Application example: non-fast charge phone is attached VOUT1, fast charge phone is attached on VOUT2, this
is multiple output ports case, IP5328P will output 5V for both phones. When VOUT1 is plug out or power
consumption is lower than the preset value, IP5328P will disable VOUT1 output and maintain VOUT2 output, fast
charge output will be re-activated and supplied on VOUT2.
To realize the self-recovery of fast charge, output current on VOUT1 port should be detected accurately. This
current is detected by measuring the voltage drop between VSN and VOUT1 pin, the precondition of closing the
VOUT1 port is voltage drop lower than 1.8mV. So no other current tack is allowed to flow through VSN and VOUT1,
or false current will form voltage drop and lead to erroneous judgment on current. Similarly, pay special attention
on the other output ports.
Above all, lay separately on 10mOhm to VOUT1, 10mOhm to VOUT2 and 10mOhm to VIN on PCB
independently, any two current tracks should not overlay, if not, self-recovery of fast charge function in the
application example above may fail now and then.
The layout example is demonstrated below:
If improper layout lead to 1mOhm overlayed track on VOUT1 and VOUT2 output current, 2A current on
VOUT2 output will bring in 2mV voltage drop on the 1mOhm overlayed track. In this case, IP5328P cannot judge if
VOUT1 still has device attached even though device is plug out, thus lead to a failure on recovery of fast charge
function on VOUT2. Only when the output current on VOUT2 port is lower than 1.8A, and the corresponding
voltage drop on 1mOhm overlayed track is lower than 1.8V, can VOUT2 fast charge function be re-activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com