Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 18 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 18 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P_V01 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
18 / 28
Copyright © 2015, Injoinic Corp.
C<3%
1.0Hz Flash
OFF
2 LED mode 2 display:
During charging: D1 LED flash on cycle of 2s (1s on and 1s off), when fully charged, constantly on;
During discharging: D2 LED is constantly on, when voltage lower than 3.2V, flash on cycle of 1s (0.5s on and 0.5s
off), when voltage is lower than 3.0V, system is power down.
1 LED mode 1 display:
During charging: LED flash on cycle of 2s (1s on and 1s off), when fully charged, constantly on;
During discharging: LED is constantly on, when voltage lower than 3.2V, flash on cycle of 1s (0.5s on and 0.5s off),
when voltage is lower than 3.0V, system is power down.
RSET (Battery internal resistor set)
The internal resistor of the battery can be set by RSET pin, the charging and discharging threshold voltage on
LED will be changed at the same time, accordingly the uniformity of the LED display on the battery level are
adjusted at the same time.
RSET resistor (Kohm)
Battery internal resistance set(mOhm)
>179
93.75
169~179
87.5
159~169
81.25
149~159
75
139~149
68.75
129~139
62.5
119~129
56.25
109~119
50
99~109
43.75
89~99
37.5
79~89
31.25
69~79
25
59~69
18.75
49~59
12.5
39~49
6.25
0~39
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com