Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 25 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 25 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P_V01 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5328P_V01 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
25 / 28
Copyright © 2015, Injoinic Corp.
SHC1004-2R2M
4
2.2
±20%
7
9
12
24
9. Package
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
-
0.035
0.05
A2
-
0.65
0.67
A3
-
0.125
-
b
0.2
0.25
0.30
e
0.5 BSC
D
6 BSC
E
6 BSC
J
4.52
4.62
4.72
K
4.52
4.62
4.72
L
0.35
0.40
0.45
aaa
0.1
bbb
0.1
ccc
0.08
ddd
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com