Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3522 Datasheet(PDF) 13 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 13 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 9Page - GENESYS LOGIC GL3522 Datasheet HTML 10Page - GENESYS LOGIC GL3522 Datasheet HTML 11Page - GENESYS LOGIC GL3522 Datasheet HTML 12Page - GENESYS LOGIC GL3522 Datasheet HTML 13Page - GENESYS LOGIC GL3522 Datasheet HTML 14Page - GENESYS LOGIC GL3522 Datasheet HTML 15Page - GENESYS LOGIC GL3522 Datasheet HTML 16Page - GENESYS LOGIC GL3522 Datasheet HTML 17Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 13
GLI Confidential
Clock and Reset Interface
Pin Name
QFN 76 / LGA 76
Type
Description
X1
4
I
Crystal / OSC clock input
X2
5
O
Crystal clock output.
RESETJ
69
I (pd)
Active low. External reset input, default pull high 10KΩ.
When RESET# = low, whole chip is reset to the initial state.
SPI Interface
Pin Name
QFN 76 / LGA 76
Type
Description
P_SPI_CK
51
B
For SPI data clock
P_SPI_CZ
52
B
For SPI data chip enable
P_SPI_DO
66
B
For SPI data Input
P_SPI_DI
67
B
For SPI data Output
Power/Ground Interface
Pin Name
QFN 76 / LGA 76
Type
Description
VP12
13,19,27,
35,43
P
Analog 1.2V power input for Analog circuit
DVDD12
46,61
P
1.2V digital power input for digital circuits
DVDD
57
P
3.3V digital power input for digital circuits
AVDD
58,59
P
Analog 3.3V power input
GND
10,16,24,
32,40
P
Digital/Analog ground
VBUS
56
I
VBUS valid input
V33
71
P
5V-to-3.3V regulator Vout & 3.3 input
V5
72,76
P
5V Power input. It should be NC if using external regulator
Miscellaneous Interface
Pin Name
QFN 76 / LGA 76
Type
Description
RTERM
3
A
A 680ohm resister must be connected between RTERM and Ground
TEST
62
B (pd)
TEST: 0: Normal operation.
1: Chip will be put in test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com