Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3522 Datasheet(PDF) 15 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 15 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 11Page - GENESYS LOGIC GL3522 Datasheet HTML 12Page - GENESYS LOGIC GL3522 Datasheet HTML 13Page - GENESYS LOGIC GL3522 Datasheet HTML 14Page - GENESYS LOGIC GL3522 Datasheet HTML 15Page - GENESYS LOGIC GL3522 Datasheet HTML 16Page - GENESYS LOGIC GL3522 Datasheet HTML 17Page - GENESYS LOGIC GL3522 Datasheet HTML 18Page - GENESYS LOGIC GL3522 Datasheet HTML 19Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 15
GLI Confidential
CHAPTER 4
FUNCTION DESCRIPTION
4.1 Block Diagram
Up Stream Port
USB 2.0 USPORT
Transceiver
UTMI / SIE
Control / Status
Register
Repeate
r
USB 2.0
DSPORT
transceiver
USB 2.0
DSPORT
transceiver
USB 2.0
DSPORT
transceiver
USB 2.0
DSPORT
transceiver
RAM
Power
Contro
l
Logic
DM & DP
SS TX
SS RX
USB 3.0 USPORT
Transceiver
Power
Management
Engine
Router /
Aggregator
Engine
Control / Status
Register
USB 3.0
DSPORT
Transceiver
USB 3.0
DSPORT
Transceiver
USB 3.0
DSPORT
Transceiver
USB 3.0
DSPORTT
Transceiver
Downstream
Port 1
Downstream
Port 2
Downstream
Port 3
Downstream
Port 4
SS TX & RX
SS TX & RX
SS TX & RX
DM & DP
DM & DP
DM & DP
DM & DP
TT
TT
RO
M
CPU
SPI
Engine
SPI
Flash
PLL
25MH
z
SS TX & RX
TT
TT
CDP Control
Logic
CDP Control
Logic
CDP Control
Logic
CDP Control
Logic
3.3V
5V
5V→ 1.2V
Regulator
1.2V
5V→ 3.3V
Regulator
Figure 4.1 - Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com