Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3522 Datasheet(PDF) 21 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 21 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 17Page - GENESYS LOGIC GL3522 Datasheet HTML 18Page - GENESYS LOGIC GL3522 Datasheet HTML 19Page - GENESYS LOGIC GL3522 Datasheet HTML 20Page - GENESYS LOGIC GL3522 Datasheet HTML 21Page - GENESYS LOGIC GL3522 Datasheet HTML 22Page - GENESYS LOGIC GL3522 Datasheet HTML 23Page - GENESYS LOGIC GL3522 Datasheet HTML 24Page - GENESYS LOGIC GL3522 Datasheet HTML 25Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 21
GLI Confidential
4.3.3 SELF/BUS Power Setting
By setting PSELF, GL3522-22 can be configured as a bus-power or a self-power hub.
1: Self Power
0: Bus Power
PSELF
Inside GL3522
On PCB
Figure 4.8 - SELF/BUS Power Setting
4.3.4 LED Connections
GL3522-22 controls the LED lighting according to the flow defined in Section 11.5.3 of Universal Serial Bus
Specification Revision2.0. Both manual mode and Automatic mode are supported in GL3522-22. When
GL3522-22 is globally suspended, GL3522-22 will turn off the LED to save power.
AMBER/GREEN
Inside GL3522
On PCB
DGND
LED
Figure 4.9 - LED Connection
4.3.5 Power Switch Enable Polarity
Both low/high-enabled power switches are supported. It is determined by jumper setting.
The power switch polarity will be configured by the state of pin AMBER2, as the following table:
Table 4.1 - Configuration by Power Switch Type
AMBER2
Power Switch Enable Polarity
0
Low-active
1
High-active
Note: When AMBER2=1, the external resistor of PWREN1~4 need pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com