Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62050DGS Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS62050DGS
Description  TPS6205x 800-mA Synchronous Step-Down Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62050DGS Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62050DGS Datasheet HTML 17Page - Texas Instruments TPS62050DGS Datasheet HTML 18Page - Texas Instruments TPS62050DGS Datasheet HTML 19Page - Texas Instruments TPS62050DGS Datasheet HTML 20Page - Texas Instruments TPS62050DGS Datasheet HTML 21Page - Texas Instruments TPS62050DGS Datasheet HTML 22Page - Texas Instruments TPS62050DGS Datasheet HTML 23Page - Texas Instruments TPS62050DGS Datasheet HTML 24Page - Texas Instruments TPS62050DGS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TPS62050
SW
FB
VIN
LBO
SYNC
PG
L1 = 10 uH
EN
PGND
GND
22µF
C1
V = 2.7V to 10V
I
V = 0.7V to 6V
O
C3
LBI
R1
R2
8
1
6
7
9
3
5
C4
10µF
4
2
10
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
www.ti.com
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
Layout Example (continued)
Figure 25. Associated Layout Schematic
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com