Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62050DGS Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62050DGS
Description  TPS6205x 800-mA Synchronous Step-Down Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62050DGS Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62050DGS Datasheet HTML 9Page - Texas Instruments TPS62050DGS Datasheet HTML 10Page - Texas Instruments TPS62050DGS Datasheet HTML 11Page - Texas Instruments TPS62050DGS Datasheet HTML 12Page - Texas Instruments TPS62050DGS Datasheet HTML 13Page - Texas Instruments TPS62050DGS Datasheet HTML 14Page - Texas Instruments TPS62050DGS Datasheet HTML 15Page - Texas Instruments TPS62050DGS Datasheet HTML 16Page - Texas Instruments TPS62050DGS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DIL + VO
1 *
V
O
V
I
L
f
I
L
(max) + IO(max) )
DIL
2
f = Switching frequency (850 kHz typical)
L = Inductor value
∆IL = Peak-to-peak inductor ripple current
IL(max) = Maximum inductor current
V
O +
V
FB
R1 ) R2
R2
R1 + R2
V
O
V
FB
–R2
V
FB +
0.5V
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
www.ti.com
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
Typical Applications (continued)
Table 1. Bill of Materials for Adjustable Version (continued)
REFERENCE
PART NUMBER
VALUE
MANUFACTURER
generic metal film resistor;
R6
100 k
Ω
—
tolerance 1%
C(ff)
generic ceramic capacitor; COG
6.8 pF
—
10.2.1.2 Detailed Design Procedure
All graphs have been generated using the circuit as shown unless otherwise noted. For output voltages other
than 5 V, the fixed-voltage versions were used. The resistors R1, R2, and the feed forward capacitor (Cff) are
removed and the feedback pin is directly connected to the output.
(2)
Table 2. Values for Resistor Combinations and Feedback Capacitors
NOMINAL OUTPUT VOLTAGE
EQUATION
POSSIBLE RESISTOR COMBINATION TYPICAL FEEDBACK CAPACITOR
0.7 V
R1 = 0.4 × R2
R1 = 270 k, R2 = 680 k
C(ff) = 22 pF
1.2 V
R1 = 1.4 × R2
R1 = 510 k, R2 = 360 k (1.21 V)
C(ff) = 6.8 pF
1.5 V
R1 = 2 × R2
R1 = 300 k, R2 = 150 k (1.5 V)
C(ff) = 6.8 pF
1.8 V
R1 = 2.6 × R2
R1 = 390 k, R2 = 150 k (1.80 V)
C(ff) = 6.8 pF
2.5 V
R1 = 4 × R2
R1 = 680 k, R2 = 169 k (2.51 V)
C(ff) = 6.8 pF
3.3 V
R1 = 5.6 × R2
R1 = 560 k, R2 = 100 k (3.3 V)
C(ff) = 6.8 pF
5 V
R1 = 9 × R2
R1 = 820 k, R2 = 91 k (5 V)
C(ff) = 6.8 pF
10.2.1.2.1
Inductor Selection
A 10-µH minimum inductor must be used with the TPS6205x family of devices. Values larger than 22 µH or
smaller than 10 µH may cause stability problems due to the internal compensation of the regulator. After
choosing the inductor value of typically 10 µH, two additional inductor parameters must be considered: the
current rating of the inductor and the DC resistance. The DC resistance of the inductance directly influences the
efficiency of the converter. Therefore, an inductor with lowest DC resistance must be selected for highest
efficiency. To avoid saturation of the inductor, the inductor must be rated at least for the maximum output current
plus half the inductor ripple current which is calculated using Equation 3.
(3)
The highest inductor current occurs at maximum VIN . A more conservative approach is to select the inductor
current rating just for the maximum switch current of the TPS6205x device, which is 1.4 A maximum. See
Table 3 for inductors that have been tested for operation with the TPS6205x devices.
Table 3. Inductors
MANUFACTURER
TYPE
INDUCTANCE
DC RESISTANCE
SATURATION CURRENT
SLF7032T-
10 µH ±20%
53 m
Ω ±20%
1.4 A
100M1R4SLF7032T-
22 µH ±20%
110 m
Ω ±20%
0.96 A
TDK
220M96SLF7045T-
10 µH ±20%
36 m
Ω ±20%
1.3 A
100M1R3SLF7045T-
22 µH ±20%
61 m
Ω ±20%
0.9 A
100MR90
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com