Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62050DGS Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62050DGS
Description  TPS6205x 800-mA Synchronous Step-Down Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62050DGS Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62050DGS Datasheet HTML 4Page - Texas Instruments TPS62050DGS Datasheet HTML 5Page - Texas Instruments TPS62050DGS Datasheet HTML 6Page - Texas Instruments TPS62050DGS Datasheet HTML 7Page - Texas Instruments TPS62050DGS Datasheet HTML 8Page - Texas Instruments TPS62050DGS Datasheet HTML 9Page - Texas Instruments TPS62050DGS Datasheet HTML 10Page - Texas Instruments TPS62050DGS Datasheet HTML 11Page - Texas Instruments TPS62050DGS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
EN
VIN
ON
OFF
0.3
µA, min
R >1.3 V/0.3
µA
TPS6205x
5 V
EN
VIN
VIN
Vt = 0.7 V
0
µA for VEN < 0.6 V
Typically 0.3
µA to 5 µAfor VEN < 4 V
Enable to Internal Circuitry
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
www.ti.com
9.3 Feature Description
9.3.1 Enable and Overtemperature Protection
A logic low on EN forces the TPS6205x devices into shutdown. In shutdown, the power switch, drivers, voltage
reference, oscillator, and all other functions are turned off. The supply current is reduced to less than 2 µA in the
shutdown mode. When the device is in thermal shutdown, the bandgap is forced to stay on even if the device is
set into shutdown by pulling EN to GND. As soon as the temperature drops below the threshold, the device
automatically starts again.
If an output voltage is present when the device is disabled, which could be an external voltage source or super
cap, the reverse leakage current is specified under Electrical Characteristics. Pulling the enable pin high starts up
the TPS6205x devices with the soft-start as described in Soft-Start. If the EN pin is connected to any voltage
other than VI or GND, an increased leakage current of typically 10 µA and up to 20 µA can occur.
Figure 2. Internal Circuit of the ENABLE Pin
The EN pin can be used in a pushbutton configuration as shown in Figure 3. The external resistor to GND must
be capable of sinking 0.3 µA with a minimum voltage drop of 1.3 V to keep the system enabled when both
switches are open. When the ON-button is pressed, the device is enabled and the current through the external
resistor keeps the voltage level high to ensure that the device stays on when the ON-button is released. When
the OFF-button is pressed, the device is switched off and the current through the external resistor is zero. The
device therefore stays off even when the OFF-button is released.
Figure 3. Pushbutton Configuration for the EN-Pin
9.3.2 Low-Battery Detector (Standard Version)
The low-battery output (LBO) is an open-drain type which goes low when the voltage at the low battery input
(LBI) falls below the trip point of 1.21 V ±1.5%. The voltage at which the low-battery warning is issued is adjusted
with a resistive divider as shown in Figure 5. TI recommends the sum of the resistors R1 and R2 to be in the
100-k
Ω to 1-MΩ range for high-efficiency at low output current. An external pullup resistor at LBO can either be
connected to OUT, or any other voltage rail in the voltage range of 0 V to 6 V. During start-up, the LBO output
signal is invalid for the first 500 µs. LBO is high impedance when the device is disabled. If the low-battery
comparator function is not used, connect LBI to ground. The low-battery detector is disabled when the device is
disabled. Leave the LBO pin unconnected, or connect to GND when not used.
8
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com