Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9549 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9549
Description  Octal bus switch with individually I2C-bus controlled enables
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9549 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9549 Datasheet HTML 1Page - NXP Semiconductors PCA9549 Datasheet HTML 2Page - NXP Semiconductors PCA9549 Datasheet HTML 3Page - NXP Semiconductors PCA9549 Datasheet HTML 4Page - NXP Semiconductors PCA9549 Datasheet HTML 5Page - NXP Semiconductors PCA9549 Datasheet HTML 6Page - NXP Semiconductors PCA9549 Datasheet HTML 7Page - NXP Semiconductors PCA9549 Datasheet HTML 8Page - NXP Semiconductors PCA9549 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The PCA9549 provides eight bits of high speed TTL-compatible bus switching controlled
by the I2C-bus. The low ON-state resistance of the switch allows connections to be made
with minimal propagation delay. Any individual A to B channel or combination of channels
can be selected via the I2C-bus, determined by the contents of the programmable Control
register. When the I2C-bus bit is HIGH (logic 1), the switch is on and data can flow from
Port A to Port B, or vice versa. When the I2C-bus bit is LOW (logic 0), the switch is open,
creating a high-impedance state between the two ports, which stops the data flow.
An active LOW reset input (RESET) allows the PCA9549 to recover from a situation
where the I2C-bus is stuck in a LOW state. Pulling the RESET pin LOW resets the I2C-bus
state machine and causes all the bits to be open, as does the internal power-on reset
function.
Three address pins allow up to eight devices on the same bus.
2.
Features
I 8-bit bus switch (CBT)
I 5 Ω switch connection between two ports
I I2C-bus interface logic; compatible with SMBus standards
I Active LOW RESET input
I 3 address pins allowing up to 8 devices on the I2C-bus
I Bit selection via I2C-bus, in any combination
I Power-up with all bits deselected
I Low Ron switches
I No glitch on power-up
I Supports hot insertion
I Low standby current
I Operating power supply voltage range of 2.3 V to 5.5 V
I 5 V tolerant inputs
I 0 Hz to 400 kHz clock frequency
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO24, TSSOP24, HVQFN24
PCA9549
Octal bus switch with individually I2C-bus controlled enables
Rev. 01 — 11 July 2006
Product data sheet


Similar Part No. - PCA9549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9549 NXP-PCA9549 Datasheet
147Kb / 25P
Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
PCA9549BS NXP-PCA9549BS Datasheet
147Kb / 25P
Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
PCA9549D NXP-PCA9549D Datasheet
147Kb / 25P
Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
PCA9549PW NXP-PCA9549PW Datasheet
147Kb / 25P
Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
More results

Similar Description - PCA9549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
Octal bus switch with Quad Output Enables
1998 Dec 08
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
I2C-bus controlled YUV/RGB switch
1995 Mar 07
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
2-Bit Bus Switch with Individual Enables
logo
NXP Semiconductors
CBT3244A PHILIPS-CBT3244A Datasheet
120Kb / 10P
Octal bus switch with quad output enables
2004 May 26
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
Octal Bus Switch
logo
NXP Semiconductors
PCA9549 NXP-PCA9549 Datasheet
147Kb / 25P
Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
CBT3244A PHILIPS-CBT3244A_15 Datasheet
117Kb / 18P
Octal bus switch with quad output enables
Rev. 02-15 September 2005
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com