Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP147 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP147
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP147 Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP147 Datasheet HTML 1Page - Sumida Corporation CDEP147 Datasheet HTML 2Page - Sumida Corporation CDEP147 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER INDUCTORS <SMD Type: CDEP Series>
Type: CDEP147
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
◆
Product Description
・
14.9×14.9mm Max.(L×W), 8.0mm Max. Height.
・
Standard type, Low D.C.R Type and High Power Type are available.
・
Inductance range: 0.5~12μH(Low D.C.R type); 0.4~9.5μH (standard type );
0.3~7.3μH(High Power type).
・
Saturation Current range: 8.0~39.6A(Low D.C.R type); 11.2~52.8A(Standard type ) ;
14.6~70A (High Power type).
・
Temperature rise current range: 8.5~23.0A
・
In addition to the standards versions shown here, custom inductors are also available to
meet your exact requirements.
◆
Feature
・
Super high current inductors .
・
Mn-Zn core used, Flat wire used.
・
Ideally used in portable computer CPU power supply.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Land Pattern (mm)
◆
Schematics (Bottom)
①
②
③
10.5
MA X.8 .0
14.5 ±0.4
10.2
15.5
②
①
③


Similar Part No. - CDEP147

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP147 SUMIDA-CDEP147 Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP147-0R7MB SUMIDA-CDEP147-0R7MB Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP147-0R7MB-H SUMIDA-CDEP147-0R7MB-H Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP147-0R7MC SUMIDA-CDEP147-0R7MC Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP147-0R7MC-H SUMIDA-CDEP147-0R7MC-H Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
More results

Similar Description - CDEP147

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com