Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP147 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDEP147
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP147 Datasheet(HTML) 3 Page - Sumida Corporation

  CDEP147 Datasheet HTML 1Page - Sumida Corporation CDEP147 Datasheet HTML 2Page - Sumida Corporation CDEP147 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDEP Series>
Type: CDEP147
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
3-High Power Type
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at100℃)
Temperature
Rise current
(A) ※2
CDEP147NP-ØR3N□-73
0R3NH
0.3μH±25%
1.18(0.98)
70.0(87.6)
59.8(74.8)
23.0
CDEP147NP-ØR7M□-73
0R7MH
0.7μH±20%
1.46(1.22)
46.4(58.0)
39.2(49.0)
21.5
CDEP147NP-1R2M□-73
1R2MH
1.2μH±20%
2.02(1.69)
35.7(44.7)
30.0(37.5)
20.0
CDEP147NP-1R8M□-73
1R8MH
1.8μH±20%
3.23(2.70)
29.6(37.0)
24.0(30.0)
17.5
CDEP147NP-2R6M□-73
2R6MH
2.6μH±20%
4.97(4.14)
24.4(30.5)
20.4(25.5)
16.0
CDEP147NP-3R5M□-73
3R5MH
3.5μH±20%
6.03(5.02)
20.8(26.0)
17.2(21.5)
12.5
CDEP147NP-4R7M□-73
4R7MH
4.7μH±20%
7.80(6.50)
17.6(22.0)
16.0(20.0)
11.0
CDEP147NP-5R9M□-73
5R9MH
5.9μH±20%
9.85(8.21)
16.4(20.5)
14.0(17.5)
10.0
CDEP147NP-7R3M□-73
7R3MH
7.3μH±20%
13.31(11.1)
14.6(18.3)
12.2(15.3)
8.5
※
Description of part Name
CDEP147NP-ØR3N□-73
※
1.Saturation Current: The DC current at which the inductance decreases to 75% of it's nominal value
※
2 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com