Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP147 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP147
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP147 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP147 Datasheet HTML 1Page - Sumida Corporation CDEP147 Datasheet HTML 2Page - Sumida Corporation CDEP147 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDEP Series>
Type: CDEP147
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
◆
Specification
1-Low D.C.R Type
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at100℃)
Temperature
Rise current
(A) ※2
CDEP147NP-ØR5M□-125 0R5ML
0.5μH±20%
1.18(0.98)
39.6(49.5)
33.9(42.4)
23.0
CDEP147NP-1R1M□-125
1R1ML
1.1μH±20%
1.46(1.22)
26.4(33.0)
22.8(28.5)
21.5
CDEP147NP-2RØM□-125 2R0ML
2.0μH±20%
2.02(1.69)
19.6(24.5)
16.8(21.0)
20.0
CDEP147NP-3R1M□-125
3R1ML
3.1μH±20%
3.23(2.70)
16.0(20.0)
13.6(17.0)
17.5
CDEP147NP-4R5M□-125
4R5ML
4.5μH±20%
4.97(4.14)
13.6(17.0)
11.6(14.5)
16.0
CDEP147NP-6R1M□-125
6R1ML
6.1μH±20%
6.03(5.02)
11.6(14.5)
10.0(12.5)
12.5
CDEP147NP-8RØM□-125 8R0ML
8.0μH±20%
7.80(6.50)
10.0(12.5)
8.2(10.3)
11.0
CDEP147NP-1ØØM□-125 100ML
10.0μH±20%
9.85(8.21)
9.2(11.5)
7.6(9.5)
10.0
CDEP147NP-12ØM□-125
120ML
12.0μH±20%
13.31(11.1)
8.0(10.0)
6.6(8.2)
8.5
2-Standard Type
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at100℃)
Temperature
Rise current
(A) ※2
CDEP147NP-ØR4N□-95
0R4NS
0.4μH±25%
1.18(0.98)
52.8(66.0)
45.6(57.0)
23.0
CDEP147NP-ØR9M□-95
0R9MS
0.9μH±20%
1.46(1.22)
36.0(45.0)
30.8(38.5)
21.5
CDEP147NP-1R5M□-95
1R5MS
1.5μH±20%
2.02(1.69)
27.2(34.0)
22.8(28.5)
20.0
CDEP147NP-2R4M□-95
2R4MS
2.4μH±20%
3.23(2.70)
22.4(28.0)
19.2(24.0)
17.5
CDEP147NP-3R4M□-95
3R4MS
3.4μH±20%
4.97(4.14)
18.4(23.0)
16.0(20.0)
16.0
CDEP147NP-4R7M□-95
4R7MS
4.7μH±20%
6.03(5.02)
15.2(19.0)
14.2(17.8)
12.5
CDEP147NP-6R1M□-95
6R1MS
6.1μH±20%
7.80(6.50)
14.8(18.5)
12.4(15.5)
11.0
CDEP147NP-7R7M□-95
7R7MS
7.7μH±20%
9.85(8.21)
12.4(15.5)
10.6(13.2)
10.0
CDEP147NP-9R5M□-95
9R5MS
9.5μH±20%
13.31(11.1)
11.2(14.0)
9.6(12.0)
8.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com