Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159-EP Datasheet(PDF) 4 Page - Texas Instruments

Part # INA159-EP
Description  PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159-EP Datasheet(HTML) 4 Page - Texas Instruments

  INA159-EP Datasheet HTML 1Page - Texas Instruments INA159-EP Datasheet HTML 2Page - Texas Instruments INA159-EP Datasheet HTML 3Page - Texas Instruments INA159-EP Datasheet HTML 4Page - Texas Instruments INA159-EP Datasheet HTML 5Page - Texas Instruments INA159-EP Datasheet HTML 6Page - Texas Instruments INA159-EP Datasheet HTML 7Page - Texas Instruments INA159-EP Datasheet HTML 8Page - Texas Instruments INA159-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ELECTRICAL CHARACTERISTICS
INA159-EP
SBOS443 – NOVEMBER 2008 .......................................................................................................................................................................................... www.ti.com
Boldface limits apply over the specified temperature range, TA = –55°C to +125°C.
At TA = +25°C, RL = 10 kΩ connected to VS/2, REF pin 1 connected to ground, and REF pin 2 connected to VREF = 5 V,
unless otherwise noted.
INA159
PARAMETER
CONDITIONS
UNIT
MIN
TYP
MAX
OFFSET VOLTAGE(1)
RTO
VS = ±2.5 V, Reference and Input
Initial(1)
VOS
±100
±500
µV
Pins Grounded
Over Temperature
±1450
µV
vs Power Supply
PSRR VS = ±0.9 V to ±2.75 V
±20
±100
µV/V
Over Temperature
PSRR VS = ±0.9 V to ±2.75 V
±200
µV/V
Reference Divider Accuracy(2)
±0.002
±0.024
%
over Temperature
±0.002
±0.050
%
INPUT IMPEDANCE (3)
Differential
240
k
Ω
Common-Mode
60
k
Ω
INPUT VOLTAGE RANGE
RTI
Common-Mode Voltage Range
VCM
Positive
17.5
V
Negative
–12.5
V
Common-Mode Rejection Ratio
CMRR VCM = –10 V to +10 V, RS = 0 Ω
80
96
dB
over Temperature
74
94
dB
OUTPUT VOLTAGE NOISE (4)
RTO
f = 0.1 Hz to 10 Hz
10
µVPP
f = 10 kHz
30
nV/
√Hz
VREF2 = 4.096 V,
RL Connected to GND,
GAIN
(VIN+) – (VIN–) = –10 V to +10 V,
VCM = 0 V
Initial
G
0.2
V/V
Error
±0.005
±0.024
%
vs Temperature
±0.035
%
Nonlinearity
±0.0002
% of FS
OUTPUT
VREF2 = 4.096 V,
(V+) –
Voltage, Positive
(V+) – 0.1
V
RL Connected to GND
0.02
over Temperature
(V+) – 0.2
V
VREF2 = 4.096 V,
(V–) +
Voltage, Negative
(V–) + 0.048
V
RL Connected to GND
0.01
over Temperature
(V–) + 0.070
V
Current Limit, Continuous to Common
±60
mA
Capacitive Load
See Typical Characteristic
pF
Open-Loop Output Impedance
RO f = 1 MHz, IO = 0
110
Ω
FREQUENCY RESPONSE
Small-Signal Bandwidth
–3 dB
1.5
MHz
Slew Rate
SR
15
V/
µs
Settling Time, 0.01%
tS 4 V Output Step, CL = 100 pF
1
µs
(1)
Includes effects of amplifier input bias and offset currents.
(2)
Reference divider accuracy specifies the match between the reference divider resistors using the configuration in Figure 2.
(3)
Internal resistors are ratio matched but have 20% absolute value.
(4)
Includes effects of amplifier input current noise and thermal noise contribution of resistor network.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA159-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com