Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159-EP Datasheet(PDF) 10 Page - Texas Instruments

Part # INA159-EP
Description  PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA159-EP Datasheet HTML 6Page - Texas Instruments INA159-EP Datasheet HTML 7Page - Texas Instruments INA159-EP Datasheet HTML 8Page - Texas Instruments INA159-EP Datasheet HTML 9Page - Texas Instruments INA159-EP Datasheet HTML 10Page - Texas Instruments INA159-EP Datasheet HTML 11Page - Texas Instruments INA159-EP Datasheet HTML 12Page - Texas Instruments INA159-EP Datasheet HTML 13Page - Texas Instruments INA159-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
20k
Ω
100k
Ω
40k
Ω
100k
Ω
40k
Ω
OUT
V
REF
5V
V+
SENSE
REF 2
REF 1
V
IN
+IN
−IN
INA159
20k
Ω
100k
Ω
40k
Ω
100k
Ω
40k
Ω
OUT
V
REF
5V
V+
SENSE
REF 2
REF 1
V
IN
+IN
−IN
INA159
INA159-EP
SBOS443 – NOVEMBER 2008 .......................................................................................................................................................................................... www.ti.com
Input and Output Relationships for Various Reference and Connection Combinations
VREF
VOUT for VIN = 0
LINEAR VIN RANGE
USEFUL VOUT SWING
REF CONNECTION
(V)
(V)
(V)
(V)
+10
4.5
5
2.5
0
(±2V swing)
–10
0.5
10
4.048
4.096
2.048
0
(±2V swing)
–10
0.048
+10
3.65
3.3
1.65
0
(–1.577V, +2V swing)
–7.885
0.048
+10 (also +5)
3.25
2.5
1.25
0
(–1.2V, +2V swing)
–6 (also –5)
0.048
+10
2.9
1.8
0.9
0
(–0.852V, +2V swing)
–4.26
0.048
+10
4.5
2.5
2.5
0
(
=2V swing)
–10
0.5
+10
3.8
1.8
1.8
0
(–1.752V, +2V swing)
–8.76
0.048
+10
3.2
1.2
1.2
0
(–1.15V, +2V swing)
–5.76
0.048
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA159-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com