Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159-EP Datasheet(PDF) 9 Page - Texas Instruments

Part # INA159-EP
Description  PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA159-EP Datasheet HTML 5Page - Texas Instruments INA159-EP Datasheet HTML 6Page - Texas Instruments INA159-EP Datasheet HTML 7Page - Texas Instruments INA159-EP Datasheet HTML 8Page - Texas Instruments INA159-EP Datasheet HTML 9Page - Texas Instruments INA159-EP Datasheet HTML 10Page - Texas Instruments INA159-EP Datasheet HTML 11Page - Texas Instruments INA159-EP Datasheet HTML 12Page - Texas Instruments INA159-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
APPLICATION INFORMATION
V
CM) + (V)) ) 5[(V)) * (0.5VREF)]
(3)
V
CM* + (V*) * 5[(0.5VREF) * (V*)]
(4)
COMMON-MODE RANGE
V
CM) + (V)) ) 5[(V)) * VREF]
(1)
V
CM* + (V*) * 5[VREF * (V*)]
(2)
INA159-EP
www.ti.com .......................................................................................................................................................................................... SBOS443 – NOVEMBER 2008
The internal op amp of the INA159 has a rail-to-rail
common-mode voltage capability at its inputs. A
rail-to-rail op amp allows the use of ±10-V inputs into
Some typical values are shown in Table 1.
a circuit biased to 1/2 of a 5-V reference (2.5-V
quiescent output). The inputs to the op amp will swing
Table 1. Common-Mode Range For Various
from approximately 400 mV to 3.75 V in this
Supply and Reference Voltages
application.
REF 1 and REF 2 Connected Together
The unique input topology of the INA159 eliminates
V+
V
−
VREF
VCM+
VCM−
the input offset transition region typical of most
rail-to-rail
complementary
stage
operational
5
0
3
15
–15
amplifiers. This allows the INA159 to provide superior
5
0
2.5
17.5
–12.5
glitch- and transition-free performance over the entire
5
0
1.25
23.75
–6.25
common-mode range.
1/2 Reference Connection
Good layout practice includes the use of a 0.1-
µF
V+
V
−
VREF
VCM+
VCM−
bypass capacitor placed closely across the supply
5
0
5
17.5
–12.5
pins.
5
0
4.096
19.76
–10.24
5
0
2.5
23.75
–6.25
3.3
0
3.3
11.55
–8.25
The common-mode range of the INA159 is a function
3.3
0
2.5
13.55
–6.25
of supply voltage and reference. Where both pins,
3.3
0
1.25
16.675
–3.125
REF1 and REF2, are connected together:
Where one REF pin is connected to the reference,
and
the
other
pin
grounded
(1/2
reference
connection):
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA159-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com