Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERFACEUNITS Datasheet(PDF) 6 Page - Weidmuller

Part # INTERFACEUNITS
Description  Weidmuller interface units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

INTERFACEUNITS Datasheet(HTML) 6 Page - Weidmuller

Back Button INTERFACEUNITS Datasheet HTML 2Page - Weidmuller INTERFACEUNITS Datasheet HTML 3Page - Weidmuller INTERFACEUNITS Datasheet HTML 4Page - Weidmuller INTERFACEUNITS Datasheet HTML 5Page - Weidmuller INTERFACEUNITS Datasheet HTML 6Page - Weidmuller INTERFACEUNITS Datasheet HTML 7Page - Weidmuller INTERFACEUNITS Datasheet HTML 8Page - Weidmuller INTERFACEUNITS Datasheet HTML 9Page - Weidmuller INTERFACEUNITS Datasheet HTML 10Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
A.6
A
Interface units IEC 603-1
DIN 41651 (Ribbon connector)
• Pin connector with locking feature to IEC 603-1
• Tension clamp or screw connection system
• 45 or 87 mm wide
• For mounting on TS32, TS35 x 7.5 and
TS35 x 15
Technical data
Connection data
Connection on process side
Stripping length
Connection on control side 03-1/ DIN 41651
Rated data
Conversion PCB/plug connector
Rated voltage DC
Rated current per connection
Test voltage (~eff)
Test torque
Storage temperature
Ambient temperature (operational)
Terminal rail
Insulation coordination (EN 50178)
Surge category
Pollution severity
Approvals
Standards
Clamping range (rating- / min. / max.)
mm2
Length x width x height
mm
Note
Ordering data
10-pole
14-pole
16-pole
20-pole
26-pole
34-pole
40-pole
50-pole
60-pole
64-pole
Note
Accessories
Note
Interface Units IEC 603-1 - DIN 41651 (Ribbon Connector)
RSF Z/ IEC 603-1
71.1
67.6
63.6
1
Connection data
PCB terminal LM2NZF / Tension clamp
7.0 mm ing length
Plug-in connector to IEC 603-1/ DIN 41651
Rated data
1:1 ersion PCB/plug connector
60 V AC/ 75 V DC
1 A ed current per connection
1.0 kV oltage (~eff)
Test torque
-40 °C…+70 °C ure
0 °C…+55 °C ature (operational)
Terminal rail
Insulation coordination (EN 50178)
III e category
2 llution severity
Approvals
EN 50178
1.5 / 0.5 / 2.5
87.0 x — x 64.0
Type
Width
Order No.
RS F10 Z
50.0 mm
8537190000
RS F14 Z
50.0 mm
8537200000
RS F20 Z
65.0 mm
8537110000
RS F26 Z
80.0 mm
8537180000
RS F34 Z
110.0 mm
8537130000
RS F40 Z
115.0 mm
8537140000
RS F50 Z
145.0 mm
8537150000
RSF S 45 mm/ IEC 603-1
65.5
Connection data
PCB terminal LPK 2 H / Screw connection
7.0 mm ing length
Plug-in connector to IEC 603-1/ DIN 41651
Rated data
1:1 ersion PCB/plug connector
60 V AC/ 75 V DC
1 A ed current per connection
1.0 kV oltage (~eff)
0.40 Nm rque
-40 °C…+70 °C ure
0 °C…+55 °C ature (operational)
TS 35 al rail
Insulation coordination (EN 50178)
III e category
2 llution severity
Approvals
EN 50178
1.5 / 0.5 / 2.5
45.0 x — x 65.5
Type
Width
Order No.
RS F10 LPK 2H/12
49.0 mm
8155610000
RS F14 LPK 2H/16
56.0 mm
8258980000
RS F16 LPK 2H/18
64.0 mm
8265540000
RS F20 LPK 2H/22
71.0 mm
8155600000
RS F26 LPK 2H/28
86.0 mm
8213470000
RS F34 LPK 2H/36
106.0 mm
8155590000
RS F40 LPK 2H/42
121.0 mm
8155580000
RS F50 LPK 2H/52
150.3 mm
8155570000
RS F60 LPK 2H/62
180.0 mm
8259000000
RS F64 LPK 2H/66
186.0 mm
8155550000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com