Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERFACEUNITS Datasheet(PDF) 12 Page - Weidmuller

Part # INTERFACEUNITS
Description  Weidmuller interface units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

INTERFACEUNITS Datasheet(HTML) 12 Page - Weidmuller

Back Button INTERFACEUNITS Datasheet HTML 8Page - Weidmuller INTERFACEUNITS Datasheet HTML 9Page - Weidmuller INTERFACEUNITS Datasheet HTML 10Page - Weidmuller INTERFACEUNITS Datasheet HTML 11Page - Weidmuller INTERFACEUNITS Datasheet HTML 12Page - Weidmuller INTERFACEUNITS Datasheet HTML 13Page - Weidmuller INTERFACEUNITS Datasheet HTML 14Page - Weidmuller INTERFACEUNITS Datasheet HTML 15Page - Weidmuller INTERFACEUNITS Datasheet HTML 16Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
A.12
A
Interface units IEC 807-2
DIN 41652 (Sub-D connector)
• Pin and socket connector with screw locking
system UNC 4/40
• PCB connection element with screw connection
• Clip-on foot for mounting on TS32, TS35 x 7.5
and TS35 x 15
Technical data
Connection data
Connection on process side
Stripping length
Connection on control side
Rated data
Conversion PCB/plug connector
Rated voltage V DC
Rated current per connection
Test voltage (~eff)
Test torque
Storage temperature
Ambient temperature (operational)
Terminal rail
Insulation coordination (EN 50178)
Surge category
Pollution severity
Approvals
Standards
Clamping range (rating- / min. / max.)
mm2
Length x width x height
mm
Note
Ordering data
Male connectors
9-pole
Male connectors
15-pole
Male connectors
25-pole
Male connectors
37-pole
Male connectors
50-pole
Female connectors
9-pole
Female connectors
15-pole
Female connectors
25-pole
Female connectors
37-pole
Female connectors
50-pole
Note
Accessories
Note
Interface Units IEC 807-2 - DIN 41652 (Sub-D Connector)
RSSD S/ SUB-D
84
81
76
Connection data
PCB terminal LP2N ess side
7.0 mm ing length
D-SUB acc. IEC 807-2 side
Rated data
1:1 ersion PCB/plug connector
125 V AC/ 150 V DC
1.5 A current per connection
0.6 kV oltage (~eff)
0.50 Nm rque
-40 °C…+70 °C ure
0 °C…+55 °C ature (operational)
TS 32, TS 35
Insulation coordination (EN 50178)
III e category
2 llution severity
Approvals
EN 50178
2.5 / 0.5 / 4
87.0 x — x 76.0
Type
Width
Order No.
RS SD9S UNC 4.40 LP2N
45.0 mm
8003901001
RS SD15S UNC 4.40
60.0 mm
8005201001
RS SD25S UNC 4.40 LP2N
80.0 mm
8005181001
RS SD37S UNC 4.40 LP2N
110.0 mm
8003881001
RS SD50S UNC 4.40 LP2N
154.0 mm
8005161001
RS SD9B UNC 4.40 LP2N
45.0 mm
8003911001
RS SD15B UNC 4.40 LP2N
60.0 mm
8005211001
RS SD25B UNC 4.40 LP2N
80.0 mm
8005191001
RS SD37B UNC 4.40 LP2N
110.0 mm
8003891001
RS SD50B UNC 4.40 LP2N
154.0 mm
8005171001
RSSD S/ SUB-D
87
Tag carrier
Connection data
PCB terminal LP3R ess side
7.0 mm ing length
D-SUB acc. IEC 807-2 side
Rated data
1:1 ersion PCB/plug connector
125 V AC/ 150 V DC
1.5 A current per connection
0.6 kV oltage (~eff)
0.50 Nm rque
-40 °C…+70 °C ure
0 °C…+55 °C ature (operational)
TS 32, TS 35
Insulation coordination (EN 50178)
III e category
2 llution severity
Approvals
EN 50178
2.5 / 0.5 / 4
87.0 x — x 80.0
Type
Width
Order No.
RS SD9S LP3R
40.0 mm
8019930000
RS SD15S LP3R
45.0 mm
8019940000
RS SD25S LP3R
60.0 mm
8019950000
RS SD37S LP3R
80.0 mm
8019960000
RS SD50S LP3R
100.0 mm
8019970000
RS SD9B LP3R
40.0 mm
8019880000
RS SD15B LP3R
45.0 mm
8019890000
RS SD25B LP3R
60.0 mm
8019900000
RS SD37B LP3R
80.0 mm
8019910000
RS SD50B LP3R
100.0 mm
8019920000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com