Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERFACEUNITS Datasheet(PDF) 8 Page - Weidmuller

Part # INTERFACEUNITS
Description  Weidmuller interface units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

INTERFACEUNITS Datasheet(HTML) 8 Page - Weidmuller

Back Button INTERFACEUNITS Datasheet HTML 4Page - Weidmuller INTERFACEUNITS Datasheet HTML 5Page - Weidmuller INTERFACEUNITS Datasheet HTML 6Page - Weidmuller INTERFACEUNITS Datasheet HTML 7Page - Weidmuller INTERFACEUNITS Datasheet HTML 8Page - Weidmuller INTERFACEUNITS Datasheet HTML 9Page - Weidmuller INTERFACEUNITS Datasheet HTML 10Page - Weidmuller INTERFACEUNITS Datasheet HTML 11Page - Weidmuller INTERFACEUNITS Datasheet HTML 12Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
A.8
A
Interface units IEC 603-1
DIN 41651 (Ribbon connector)
• Pin connector with locking feature to IEC 603-1
• Screw connection system
• 87 mm wide
• For mounting on TS32, TS35 x 7.5 and
TS35 x 15
Technical data
Connection data
Connection on process side
Stripping length
Connection on control side 03-1/ DIN 41651
Rated data
Conversion PCB/plug connector
Rated voltage DC
Rated current per connection
Test voltage (~eff)
Test torque
Storage temperature
Ambient temperature (operational)
Terminal rail
Insulation coordination (EN 50178)
Surge category
Pollution severity
Approvals
Standards
Clamping range (rating- / min. / max.)
mm2
Length x width x height
mm
Note
Ordering data
10-pole
14-pole
16-pole
20-pole
26-pole
34-pole
40-pole
50-pole
60-pole
64-pole
Note
Accessories
Note
Interface Units IEC 603-1 - DIN 41651 (Ribbon Connector)
RSF S/ IEC 603 -1
70
73
65
81
84
76
Connection data
PCB terminal LP2N ess side
7.0 mm ing length
Plug-in connector to IEC 603-1/ DIN 41651
Rated data
1:1 ersion PCB/plug connector
60 V AC/ 75 V DC
1 A ed current per connection
1.0 kV oltage (~eff)
0.50 Nm rque
-40 °C…+60 °C ure
0 °C…+55 °C ature (operational)
TS 32, TS 35
Insulation coordination (EN 50178)
III e category
2 llution severity
Approvals
EN 50178
2.5 / 0.5 / 4
87.0 x — x 70.0
Type
Width
Order No.
RS F10 LP2N 5/10
50.0 mm
0224961001
RS F14 LP2N 5/14
50.0 mm
0225061001
RS F16 LP2N 5/16
55.0 mm
0225161001
RS F20 LP2N 5/20
65.0 mm
0224261001
RS F26 LP2N 5/26
80.0 mm
0224861001
RS F34 LP2N 5/34
110.0 mm
0224361001
RS F40 LP2N 5/40
115.0 mm
0224461001
RS F50 LP2N 5/50
145.0 mm
0224561001
RS F60 LP2N 5/60
180.0 mm
0224661001
RS F64 LP2N 5/64
180.0 mm
0224761001
RSF S/ IEC 603-1
83
88
80
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
-
-
Connection data
PCB terminal LP3R ess side
7.0 mm ing length
Plug-in connector to IEC 603-1/ DIN 41651
Rated data
1:1 ersion PCB/plug connector
60 V AC/ 75 V DC
1 A ed current per connection
1.0 kV oltage (~eff)
0.50 Nm rque
-40 °C…+70 °C ure
0 °C…+55 °C ature (operational)
TS 32, TS 35
Insulation coordination (EN 50178)
III e category
2 llution severity
Approvals
EN 50178
2.5 / 0.5 / 4
87.0 x — x 76.0
Type
Width
Order No.
RS F10 LP3R 3/12
40.0 mm
8012850000
RS F14 LP3R 3/14
45.0 mm
8012860000
RS F16 LP3R 3/18
50.0 mm
8012870000
RS F20 LP3R 3/21
50.0 mm
8012910000
RS F26 LP3R 3/27
55.0 mm
8012920000
RS F34 LP3R 3/36
70.0 mm
8012930000
RS F40 LP3R 3/42
80.0 mm
8012940000
RS F50 LP3R 3/51
95.0 mm
8012950000
RS F60 LP3R 3/63
115.0 mm
8012960000
RS F64 LP3R 3/66
120.0 mm
8012970000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com