Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV2011
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV2011 Datasheet HTML 7Page - Texas Instruments LMV2011 Datasheet HTML 8Page - Texas Instruments LMV2011 Datasheet HTML 9Page - Texas Instruments LMV2011 Datasheet HTML 10Page - Texas Instruments LMV2011 Datasheet HTML 11Page - Texas Instruments LMV2011 Datasheet HTML 12Page - Texas Instruments LMV2011 Datasheet HTML 13Page - Texas Instruments LMV2011 Datasheet HTML 14Page - Texas Instruments LMV2011 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
0.1
100
100k
10
100
1000
10000
1k
10
1M
FREQUENCY (Hz)
10k
1
VS = 5V
LMV2011
www.ti.com
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
MORE BENEFITS
The LMV2011 offers the benefits mentioned above and more. It has a rail-to-rail output and consumes only
950µA of supply current while providing excellent DC and AC electrical performance. In DC performance, the
LMC2001 achieves 130dB of CMRR, 120dB of PSRR and 130dB of open loop gain. In AC performance, the
LMV2011 provides 3MHz of gain-bandwidth product and 4V/µs of slew rate.
HOW THE LMV2011 WORKS
The LMV2011 uses new, patented techniques to achieve the high DC accuracy traditionally associated with
chopper-stabilized amplifiers without the major drawbacks produced by chopping. The LMV2011 continuously
monitors the input offset and corrects this error. The conventional chopping process produces many mixing
products, both sums and differences, between the chopping frequency and the incoming signal frequency. This
mixing causes large amounts of distortion, particularly when the signal frequency approaches the chopping
frequency. Even without an incoming signal, the chopper harmonics mix with each other to produce even more
trash. If this sounds unlikely or difficult to understand, look at the plot (Figure 31), of the output of a typical
(MAX432) chopper-stabilized opamp. This is the output when there is no incoming signal, just the amplifier in a
gain of -10 with the input grounded. The chopper is operating at about 150Hz; the rest is mixing products. Add
an input signal and the noise gets much worse. Compare this plot with Figure 32 of the LMV2011. This data was
taken under the exact same conditions. The auto-zero action is visible at about 30kHz but note the absence of
mixing products at other frequencies. As a result, the LMV2011 has very low distortion of 0.02% and very low
mixing products.
Figure 31. The Output of a Chopper Stabilized Op Amp (MAX432)
Figure 32. The Output of the LMV2011
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com