Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV2011
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV2011 Datasheet HTML 9Page - Texas Instruments LMV2011 Datasheet HTML 10Page - Texas Instruments LMV2011 Datasheet HTML 11Page - Texas Instruments LMV2011 Datasheet HTML 12Page - Texas Instruments LMV2011 Datasheet HTML 13Page - Texas Instruments LMV2011 Datasheet HTML 14Page - Texas Instruments LMV2011 Datasheet HTML 15Page - Texas Instruments LMV2011 Datasheet HTML 16Page - Texas Instruments LMV2011 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LMV2011
www.ti.com
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
Figure 34. Composite Amplifier Configuration
Table 1. Composite Amplifier Measured Performance
AV
R1 (
Ω)
R2 (
Ω)
C2 (pF)
BW (MHz)
SR (V/
μs)
en p-p (mVPP)
50
200
10k
8
3.3
178
37
100
100
10k
10
2.5
174
70
100
1k
100k
0.67
3.1
170
70
500
200
100k
1.75
1.4
96
250
1000
100
100k
2.2
0.98
64
400
In terms of the measured output peak-to-peak noise, the following relationship holds between output noise
voltage, en p-p, for different closed-loop gain, AV, settings, where −3dB Bandwidth is BW:
(1)
Figure 35. Composite Amplifier Configuration
It should be kept in mind that in order to minimize the output noise voltage for a given closed-loop gain setting,
one could minimize the overall bandwidth. As can be seen from Equation 1 above, the output noise has a
square-root relationship to the Bandwidth.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com