Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV811DBVR Datasheet(PDF) 15 Page - Texas Instruments

Part # LPV811DBVR
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV811DBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button LPV811DBVR Datasheet HTML 11Page - Texas Instruments LPV811DBVR Datasheet HTML 12Page - Texas Instruments LPV811DBVR Datasheet HTML 13Page - Texas Instruments LPV811DBVR Datasheet HTML 14Page - Texas Instruments LPV811DBVR Datasheet HTML 15Page - Texas Instruments LPV811DBVR Datasheet HTML 16Page - Texas Instruments LPV811DBVR Datasheet HTML 17Page - Texas Instruments LPV811DBVR Datasheet HTML 18Page - Texas Instruments LPV811DBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
+
VREF
CE
WE
RE
Potentiostat (Bias Loop)
+
RF
Transimpedance Amplifier (I to V conversion)
RL
CO Sensor
VTIA
U1
U2
ISENS
R2
10
NŸ
C1
0.1µF
VREF
2.5V
Riso
49.9 k
C2
1µF
R1
10 k
15
LPV811, LPV812
www.ti.com
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LPV81x is a ultra-low power operational amplifier that provides 8 kHz bandwidth with only 425nA typical
quiescent current, trimmed input offset voltage and precision drift specifications. These rail-to-rail output
amplifiers are specifically designed for battery-powered applications. The input common-mode voltage range
extends to the negative supply rail and the output swings to within millivolts of the rails, maintaining a wide
dynamic range.
8.2 Typical Application: Three Terminal CO Gas Sensor Amplifier
Figure 46. Three Terminal Gas Sensor Amplifier Schematic
8.2.1 Design Requirements
Figure 46 shows a simple micropower potentiostat circuit for use with three terminal unbiased CO sensors,
though it is applicable to many other type of three terminal gas sensors or electrochemical cells.
The basic sensor has three electrodes; The Sense or Working Electrode (“WE”), Counter Electrode (“CE”) and
Reference Electrode (“RE”). A current flows between the CE and WE proportional to the detected concentration.
The RE monitors the potential of the internal reference point. For an unbiased sensor, the WE and RE electrodes
must be maintained at the same potential by adjusting the bias on CE. Through the Potentiostat circuit formed by
U1, the servo feedback action will maintain the RE pin at a potential set by VREF.
R1 is to maintain stability due to the large capacitance of the sensor. C1 and R2 form the Potentiostat integrator
and set the feedback time constant.
U2 forms a transimpedance amplifier ("TIA") to convert the resulting sensor current into a proportional voltage.
The transimpedance gain, and resulting sensitivity, is set by RF according to Equation 2.
VTIA = (-I * RF) + VREF
(2)
RL is a load resistor of which the value is normally specified by the sensor manufacturer (typically 10 ohms). The
potential at WE is set by the applied VREF. Riso provides capacitive isolation and, combined with C2, form the
output filter and ADC reservoir capacitor to drive the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com