Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV811DBVR Datasheet(PDF) 5 Page - Texas Instruments

Part # LPV811DBVR
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV811DBVR Datasheet(HTML) 5 Page - Texas Instruments

  LPV811DBVR Datasheet HTML 1Page - Texas Instruments LPV811DBVR Datasheet HTML 2Page - Texas Instruments LPV811DBVR Datasheet HTML 3Page - Texas Instruments LPV811DBVR Datasheet HTML 4Page - Texas Instruments LPV811DBVR Datasheet HTML 5Page - Texas Instruments LPV811DBVR Datasheet HTML 6Page - Texas Instruments LPV811DBVR Datasheet HTML 7Page - Texas Instruments LPV811DBVR Datasheet HTML 8Page - Texas Instruments LPV811DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
LPV811, LPV812
www.ti.com
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
TA = 25°C, VS = 1.8 V to 5 V, VCM = VOUT = VS/2, and RL≥ 10 MΩ to VS / 2, unless otherwise noted .
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage,
LPV811
VS = 1.8V and 3.3V, VCM = V-
±60
±370
µV
Input offset voltage,
LPV812
VS = 1.8V and 3.3V, VCM = V-
±55
±300
µV
ΔVOS/ΔT Input offset drift
VCM = V-
TA = –40°C to 125°C
±1
µV/°C
PSRR
Power-supply rejection
ratio
VS = 1.8V to 3.3V, VCM = V-
±1.6
±60
µV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
VS = 3.3V
0
2.4
V
CMRR
Common-mode rejection
ratio, LPV811
(V–)
≤ VCM ≤ (V+) – 0.9 V, VS = 3.3V
77
95
dB
Common-mode rejection
ratio, LPV812
(V–)
≤ VCM ≤ (V+) – 0.9 V, VS = 3.3V
80
98
dB
INPUT BIAS CURRENT
IB
Input bias current
VS = 1.8V
±100
fA
IOS
Input offset current
VS = 1.8V
±100
fA
INPUT IMPEDANCE
Differential
7
pF
Common mode
3
pF
NOISE
En
Input voltage noise
ƒ = 0.1 Hz to 10 Hz
6.5
µVp-p
en
Input voltage noise
density
ƒ = 100 Hz
340
nV/
√Hz
ƒ = 1 kHz
420
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.3 V
≤ VO ≤ (V+) – 0.3 V, RL = 100 kΩ
120
dB
OUTPUT
VOH
Voltage output swing
from positive rail
VS = 1.8V, RL = 100 kΩ to V
+/2
10
3.5
mV
VOL
Voltage output swing
from negative rail
VS = 1.8V, RL = 100 kΩ to V
+/2
2.5
10
ISC
Short-circuit current
VS = 3.3V, Short to VS/2
4.7
mA
ZO
Open loop output
impedance
ƒ = 1 KHz, IO = 0 A
90
kΩ
FREQUENCY RESPONSE
GBP
Gain-bandwidth product
CL = 20 pF, RL = 10 MΩ, VS = 5V
8
kHz
SR
Slew rate (10% to 90%)
G = 1, Rising Edge, CL = 20 pF, VS = 5V
2
V/ms
G = 1, Falling Edge, CL = 20 pF, VS = 5V
2.1
POWER
SUPPLY
IQ
Quiescent Current,
LPV811
VCM = V-, IO = 0, VS = 3.3V
450
540
nA
Quiescent Current,
Per Channel, LPV812
VCM = V-, IO = 0, VS = 3.3V
425
495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com