Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV811DBVR Datasheet(PDF) 17 Page - Texas Instruments

Part # LPV811DBVR
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV811DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button LPV811DBVR Datasheet HTML 13Page - Texas Instruments LPV811DBVR Datasheet HTML 14Page - Texas Instruments LPV811DBVR Datasheet HTML 15Page - Texas Instruments LPV811DBVR Datasheet HTML 16Page - Texas Instruments LPV811DBVR Datasheet HTML 17Page - Texas Instruments LPV811DBVR Datasheet HTML 18Page - Texas Instruments LPV811DBVR Datasheet HTML 19Page - Texas Instruments LPV811DBVR Datasheet HTML 20Page - Texas Instruments LPV811DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
0
2
4
6
8
10
12
14
16
18
20
0
15
30
45
60
75
90
105
120
135
150
Time (sec)
C002
0
50
100
150
200
250
300
0
15
30
45
60
75
90
105
120
135
150
Time (sec)
C003
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
15
30
45
60
75
90
105
120
135
150
Time (sec)
Vc
Vw
Vtia
Vdif
C007
17
LPV811, LPV812
www.ti.com
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application: Three Terminal CO Gas Sensor Amplifier (continued)
8.2.3 Application Curve
Figure 47. Monitored Voltages when exposed to 200ppm CO
Figure 47 shows the resulting circuit voltages when the sensor was exposed to 200ppm step of carbon monoxide
gas. VC is the monitored CE pin voltage and clearly shows the expected CE voltage dropping below the WE
voltage, VW, as the concentration increases.
VTIA is the output of the transimpedance amplifier U2. VDIFF is the calculated difference between VREF and VTIA,
which will be used for the ppm calculation.
Figure 48. Calculated Sensor Current
Figure 49. Calculated ppm
Figure 48 shows the calculated sensor current using the formula in Equation 7 :
ISENSOR = VDIFF / RF = 1.52V / 110 kΩ = 13.8uA
(7)
Equation 8 shows the resulting conversion of the sensor current into ppm.
ppm = ISENSOR / IPERPPM = 13.8µA / 69nA = 200
(8)
Total supply current for the amplifier section is less than 700 nA, minus sensor current. Note that the sensor
current is sourced from the amplifier output, which in turn comes from the amplifier supply voltage. Therefore,
any continuous sensor current must also be included in supply current budget calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com