Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet(PDF) 12 Page - Texas Instruments

Part # LSF0102
Description  LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments LSF0102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The LSF0102-Q1 device is able to perform voltage translation for open-drain or push-pull interfaces such as I2C,
SPI, UART, MDIO, SDIO, and GPIO.
9.2 Typical Application
9.2.1 Bidirectional Translation
SW
SW
LSF0102-Q1
8
6
2
7
3
4
5
EN
B1
B2
A2
A1
Vref_A
Vref_B
1
GPIO1
GPIO2
VCC
Vref_A = 1.2 V
GPIO3
VCC
GPIO3
VCC
Vpu3 = 2.5 V
Vpu1 = 3.3 V
Rpu
Rpu
Rpu
200 NŸ
GND
GND
GND
VB_Pullup = 3.3 V
Figure 9-1. Bidirectional Translation to Multiple Voltage Levels
9.2.1.1 Design Requirements
9.2.1.1.1 Enable, Disable, and Reference Voltage Guidelines
The LSF0102-Q1 device has an EN input that is used to disable the device by setting EN LOW, which places
all I/Os in the high-impedance state. Since LSF family is switch-type voltage translator, the power consumption
is very low. It is recommended to always enable LSF0102-Q1 device for bidirectional applications by connecting
the EN pin to the Vref_B pin, as shown in Figure 9-1. For additional details on setting up the Vref_A, Vref_B, and EN
pins, see the Understanding the Bias Circuit for the LSF Family video.
Table 9-1. Application Operating Condition
PARAMETER
MIN
TYP
MAX
UNIT
Vref_A (1)
reference voltage (A)
0.95
5.5
V
Vref_B
reference voltage (B)
Vref_A + 0.8
5.5
V
VI(EN)
input voltage on EN pin
Vref_A + 0.8
Vref_B
5.5
V
VPU
pull-up supply voltage
0
Vref_B
V
(1)
Vref_A is required to be the lowest voltage level across all inputs and outputs.
The 200 kΩ, bias resistor is required to allow Vref_B to regulate the EN input. A filter capacitor on Vref_B is
recommended. Also Vref_B and VI(EN) are recommended to be 1.0 V higher than Vref_A for best signal integrity.
LSF0102-Q1
SDLS969B – MAY 2018 – REVISED MAY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LSF0102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com