Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet(PDF) 13 Page - Texas Instruments

Part # LSF0102
Description  LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments LSF0102 Datasheet HTML 16Page - Texas Instruments LSF0102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
9.2.1.1.2 Bias Circuitry
For proper operation, VCCA must always be at least 0.8 V less than VCCB (VCCA + 0.8 ≦ VCCB). The 200 kΩ bias
resistor is required to allow Vref_B to regulate the EN input and properly bias the device for translation. A 0.1 µF
capacitor is recommended for providing a path from Vref_B to ground for high frequency noise. Vref_B and VI(EN)
are recommended to be 1.0 V higher than Vref_A for best signal integrity.
Attempting to drive the EN pin directly with a push-pull output device is a very common design error with the
LSF0102-Q1 series of devices. It is also very important to note that current does flow into the A-side voltage
supply during normal operation. Not all voltage sources can sink current, so be sure that applicable designs can
handle this current. For more design details, see the Understanding the Bias Circuit for the LSF Family video.
1.8 V
Vref_A
VCCB
EN
200 kΩ
Vref_B
3.3 V
A1
B1
0.1 µF
Figure 9-2. Bias Circuitry Inside the LSF010x-Q1 Device
9.2.1.2 Detailed Design Procedure
9.2.1.2.1 Bidirectional Translation
For the bidirectional clamping configuration (higher voltage to lower voltage or lower voltage to higher voltage),
the EN input must be connected to Vref_B and both pins pulled to HIGH side VCCB through a bias resistor
(typically 200 kΩ), as shown in Figure 9-1. This allows Vref_B to regulate the EN input. A filter capacitor on Vref_B
is recommended. The controller output driver can be push-pull or open-drain (pull-up resistors may be required)
and the peripheral device output can be push-pull or open-drain (pull-up resistors are required to pull the Bn
outputs to Vpu).
If either output is push-pull, data must be unidirectional or the outputs must be tri-state and be controlled by
some direction-control mechanism to prevent HIGH-to-LOW contention in either direction. If both outputs are
open-drain, no direction control is needed.
In Figure 9-1, the reference supply voltage Vref_A is connected to the processor core power supply voltage. Vref_B
is connected through a 200 kΩ resistor to a 3.3 V VB_Pullup power supply and Vref_A is set to 1.2 V. The output of
A1 has a maximum output voltage equal to Vref_A, and the bidirectional interface on channel 2 has a maximum
output voltage equal to VPU1.
9.2.1.2.2 Pull-Up Resistor Sizing
To maintain an appropriate output low voltage, the pull-up resistor value should limit the current through the pass
transistor when it is in the ON state to less than 15 mA. This ensures a pass voltage of 260 mV to 350 mV.
To set the current through each pass transistor at 15 mA, the pull-up resistor value can be calculated using the
following equation:
Rpu = Vpu − 0.35 V
0.015 A  
(3)
www.ti.com
LSF0102-Q1
SDLS969B – MAY 2018 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LSF0102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com